Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTR18 Datasheet(PDF) 1 Page - Rohm

Part # LTR18
Description  High Power Chip Resistors Terminal type>
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LTR18 Datasheet(HTML) 1 Page - Rohm

  LTR18 Datasheet HTML 1Page - Rohm LTR18 Datasheet HTML 2Page - Rohm LTR18 Datasheet HTML 3Page - Rohm LTR18 Datasheet HTML 4Page - Rohm LTR18 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LTR18
Resistors
1/4
High Power Chip Resistors<Wide Terminal type>
LTR18 (3216 size : 1 / 2W
)
Features
1)
Improved welding strength
The structure of longer electrodes provides the wider welding area than the chip resistors with normal electrodes,
and this enhanced the solder welding strength.
2)
Increased surge-resistance
This is achieved by Rohm’s original trimming technology plus resistive element patterning.
3)
High-power tolerance
Two times of the rated power is guaranteed than the normal-electrode resistors.
4)
ROHM resistors are ISO-9001 & ISO/TS16949 certified.
Design and specifications are subject to change without notice. Carefully check the specification sheet before using
or ordering it.
Applications
Automotive, industrial and power supply.
Ratings
0.5W (1 / 2W)
−55°C to + 155°C
at 70
°C
Item
Conditions
Specifications
Rated power
Rated voltage
Operating temperature
Nominal resistance
See Table 1.
Limiting element voltage
200V
D(
±0.5%) F(±1%) J(±5%)
0
20
40
60
80
100
−55
0
70
100
155
AMBIENT TEMPERATURE (
°C)
Fig.1
The voltage rating is calculated by the following equation.
If the value obtained exceeds the limiting element voltage,
the voltage rating is equal to the maximum operating voltage.
E: Rated voltage (V)
P: Rated power (W)
R: Nominal resistance (
Ω)
E= P
×R
Power must be derated according to the power derating curve in
Figure 1 when ambient temperature exceeds 70
°C.


Similar Part No. - LTR18

ManufacturerPart #DatasheetDescription
logo
Rohm
LTR18 ROHM-LTR18 Datasheet
119Kb / 3P
   High Power Chip Resistors
LTR18 ROHM-LTR18 Datasheet
643Kb / 7P
   High power thick film shunt resistors
2021.06
LTR18 ROHM-LTR18 Datasheet
947Kb / 8P
   High Power Thick Film Shunt Resistors / Wide terminal type
2022.12 - Rev.017
LTR18EZPDD ROHM-LTR18EZPDD Datasheet
119Kb / 3P
   High Power Chip Resistors
LTR18EZPDF ROHM-LTR18EZPDF Datasheet
119Kb / 3P
   High Power Chip Resistors
More results

Similar Description - LTR18

ManufacturerPart #DatasheetDescription
logo
Rohm
LTR50 ROHM-LTR50 Datasheet
96Kb / 5P
   High Power Chip Resistors
logo
Panasonic Semiconductor
ERJ-B1CFR10U PANASONIC-ERJ-B1CFR10U Datasheet
94Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
ERJ-B1BJ2R0U PANASONIC-ERJ-B1BJ2R0U Datasheet
94Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
ERJ-B1CJR13U PANASONIC-ERJ-B1CJR13U Datasheet
94Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
ERJ-B1CJR10U PANASONIC-ERJ-B1CJR10U Datasheet
100Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
logo
Rohm
LTR10 ROHM-LTR10 Datasheet
71Kb / 5P
   High Power Chip Resistors
logo
KOA Speer Electronics, ...
WK732JTTE33L0F KOA-WK732JTTE33L0F Datasheet
248Kb / 2P
   high power, wide terminal type flat chip resistors
WK73 KOA-WK73 Datasheet
383Kb / 2P
   high power, wide terminal type flat chip resistors
logo
Rohm
LTR10 ROHM-LTR10_1 Datasheet
157Kb / 4P
   High Power Low Ohmic Chip Resistors
logo
KOA Speer Electronics, ...
WK73S2BT KOA-WK73S2BT Datasheet
83Kb / 2P
   wide terminal type flat chip resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com