Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G8370-81 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # G8370-81
Description  InGaAs PIN photodiode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G8370-81 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  G8370-81 Datasheet HTML 1Page - Hamamatsu Corporation G8370-81 Datasheet HTML 2Page - Hamamatsu Corporation G8370-81 Datasheet HTML 3Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHOTODIODE
InGaAs PIN photodiode
Low PDL (Polarization Dependence Loss)
G8370-81/-82/-83/-85
Features
l Low PDL (Polarization Dependence Loss)
l Low noise, low dark current
l Large active area
l Various active area sizes available
Applications
l Laser monitor
l Optical power meter
l Laser diode life test
InGaAs PIN photodiodes G8370-81/-82/-83/-85 have low PDL (Polarization Dependence Loss) at 1.55 µm, large shunt resistance and very low
noise. Hamamatsu provides various types of InGaAs PIN photodiodes with active areas from
φ1 to φ5 mm.
1
s Specifications / Absolute maximum ratings
Absolute maximum ratings
Active area
Reverse
voltage
VR Max.
Operating
temperature
Topr
Storage
temperature
Tstg
Type No.
Dimensional
outline/
Window
material *
1
Package
(mm)
(V)
(°C)
(°C)
G8370-81
➀/K
TO-18
φ15
G8370-82
φ2
G8370-83
➁/K
TO-5
φ3
2
G8370-85
➂/K
TO-8
φ51
-40 to +85
-55 to +125
s Electrical and optical characteristics (Typ. Ta=25 °C, unless otherwise noted)
Photo
sensitivity
S
Spectral
response
range
Peak
sensitivity
wavelength
λp
1.3 µm
λ=λp
Dark
current
ID
VR=1 V
Cut- off
frequency
fc
V R=1 V
R L =50
-3 dB
Terminal
capacitance
Ct
V R=1 V
f=1 M H z
Shunt
resistance
Rsh
VR=10 m V
PDL
λ=λp
D∗
λ=λp
NEP
λ=λp
Type No.
(µm)
(µm)
Min.
(A/W)
Typ.
(A/W)
Min.
(A/W)
Typ.
(A/W)
Typ.
(nA)
Max.
(nA)
(MHz)
(pF)
(M
Ω)
Typ.
(mdB)
Max.
(mdB) (cm· Hz1/2/W) (W/Hz1/2)
G8370-81
1
5
35
90
100
2 × 10
-14
G8370-82
525
4
550
25
4 × 10
-14
G8370-83
15
75
2
1000
10
6 × 10
-14
G8370-85
0.9 to 1.7
1.55
0.8 0.9 0.85 1.1
25 *
2 125 *2
0.6
3500
3
5
10
5 × 10
12
1 × 10
-13
*1: Window material K: borosilicate glass with anti-reflective coating (optimized for 1.55 µm peak)
*2: VR=0.1 V


Similar Part No. - G8370-81

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G8370-01 HAMAMATSU-G8370-01 Datasheet
220Kb / 4P
   InGaAs PIN photodiode
G8370-02 HAMAMATSU-G8370-02 Datasheet
220Kb / 4P
   InGaAs PIN photodiode
G8370-03 HAMAMATSU-G8370-03 Datasheet
220Kb / 4P
   InGaAs PIN photodiode
G8370-05 HAMAMATSU-G8370-05 Datasheet
220Kb / 4P
   InGaAs PIN photodiode
G8370-10 HAMAMATSU-G8370-10 Datasheet
122Kb / 2P
   InGaAs PIN photodiode
More results

Similar Description - G8370-81

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G8376 HAMAMATSU-G8376_06 Datasheet
182Kb / 2P
   InGaAs PIN photodiode
G8195 HAMAMATSU-G8195 Datasheet
130Kb / 2P
   InGaAs PIN photodiode
G6742 HAMAMATSU-G6742 Datasheet
336Kb / 2P
   InGaAs PIN photodiode
G8370 HAMAMATSU-G8370 Datasheet
220Kb / 4P
   InGaAs PIN photodiode
G8421 HAMAMATSU-G8421 Datasheet
169Kb / 4P
   InGaAs PIN photodiode
G8941 HAMAMATSU-G8941_04 Datasheet
147Kb / 3P
   InGaAs PIN photodiode
G9906-01 HAMAMATSU-G9906-01 Datasheet
61Kb / 2P
   InGaAs PIN photodiode
G8370-10 HAMAMATSU-G8370-10 Datasheet
122Kb / 2P
   InGaAs PIN photodiode
G8605 HAMAMATSU-G8605 Datasheet
247Kb / 4P
   InGaAs PIN photodiode
G8422 HAMAMATSU-G8422 Datasheet
255Kb / 4P
   InGaAs PIN photodiode
logo
KODENSHI_AUK CORP.
KPPB1-LG125 KODENSHI-KPPB1-LG125 Datasheet
190Kb / 2P
   InGaAs PIN Photodiode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com