Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF182CN102M04AK Datasheet(PDF) 7 Page - Rohm

Part # MCF182CN102M04AK
Description  EMI FILTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCF182CN102M04AK Datasheet(HTML) 7 Page - Rohm

  MCF182CN102M04AK Datasheet HTML 1Page - Rohm MCF182CN102M04AK Datasheet HTML 2Page - Rohm MCF182CN102M04AK Datasheet HTML 3Page - Rohm MCF182CN102M04AK Datasheet HTML 4Page - Rohm MCF182CN102M04AK Datasheet HTML 5Page - Rohm MCF182CN102M04AK Datasheet HTML 6Page - Rohm MCF182CN102M04AK Datasheet HTML 7Page - Rohm MCF182CN102M04AK Datasheet HTML 8Page - Rohm MCF182CN102M04AK Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MCF18
EMI Filters
Rev.A
7/8
Items
Performance
Heat life
test
Test Method
No.
16
AN
AN
Appearance
Dielectric
loss
tangent
Insulation
resistance
Change
rate from
initial value
Without mechanical damage.
CN
CN
Not less than 1000M
Ω or
50M
Ω µF, whichever is less.
Test temperature : 125
+/−2°C
Voltage : Reated voltage x 200%
Test time
: 1000
+48/−0 h
Initial measurements prior to test shall be
made after the voltage pre-conditioning
specified in Remarks (2).
Final measurements shall be made after
the specimens have been left at room
temperature as per Table3.
[Remarks]
Pre-conditioning
If specified in test method of as per 3(Performance and test method), capacitors of CN,
characteristics shall be pre-conditionded as follows.
(1) Thermal pre-conditioning
Prior to initial measurements, specimens shall be conditioned at a temperature of 150 0
/−10
°C
for a period of 1hr., and shall be allowed to stabilize at room temperature for 48
+/−4h
(2) Voltage pre-conditioning
Prior to initial measurements, voltage specified as a test condition shall be applied to specimens
for a period of 1hr., and the specimens shall be allowed to stabilize at room temperature for 48
+/−4h
Within
+/−15%
Within
+/−3.0%
tan
δ 0.3%
<−
<−
tan
δ 200%
initial spec.
Table3
24
+/−2 h
48
+/−4 h
Charac-
teristic
Time
AN
CN


Similar Part No. - MCF182CN102M04AK

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
MCF12102G400-T TAIYO-YUDEN-MCF12102G400-T Datasheet
141Kb / 1P
   Multilayer Common Mode Choke Coils
MCF12102G900-T TAIYO-YUDEN-MCF12102G900-T Datasheet
141Kb / 1P
   Multilayer Common Mode Choke Coils
MCF12102H500-T TAIYO-YUDEN-MCF12102H500-T Datasheet
158Kb / 1P
   Multilayer Common Mode Choke Coils
MCF12102H900-T TAIYO-YUDEN-MCF12102H900-T Datasheet
141Kb / 1P
   Multilayer Common Mode Choke Coils
logo
TAI-TECH Advanced Elect...
MCF1210NF2 TAI-TECH-MCF1210NF2 Datasheet
102Kb / 2P
   Multilayer Common Mode Choke Coils
More results

Similar Description - MCF182CN102M04AK

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFWCMC636347-152 XFMRS-XFWCMC636347-152 Datasheet
39Kb / 1P
   EMI filter
XFWCMC636347-142 XFMRS-XFWCMC636347-142 Datasheet
78Kb / 1P
   EMI filter
logo
Qualtek Electronics Cor...
860-10-024 QUALTEK-860-10-024 Datasheet
251Kb / 1P
   EMI FILTER
862-06-001 QUALTEK-862-06-001 Datasheet
248Kb / 1P
   EMI FILTER
862-06-003 QUALTEK-862-06-003 Datasheet
255Kb / 1P
   EMI FILTER
864-06-007 QUALTEK-864-06-007 Datasheet
286Kb / 1P
   EMI FILTER
864-10-009 QUALTEK-864-10-009 Datasheet
268Kb / 1P
   EMI FILTER
880-06-006 QUALTEK-880-06-006 Datasheet
277Kb / 1P
   EMI FILTER
882-03-001 QUALTEK-882-03-001 Datasheet
295Kb / 1P
   EMI FILTER
882-06-013 QUALTEK-882-06-013 Datasheet
308Kb / 1P
   EMI FILTER
882-10-016 QUALTEK-882-10-016 Datasheet
304Kb / 1P
   EMI FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com