Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF182CN472M04AK Datasheet(PDF) 1 Page - Rohm

Part # MCF182CN472M04AK
Description  EMI FILTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCF182CN472M04AK Datasheet(HTML) 1 Page - Rohm

  MCF182CN472M04AK Datasheet HTML 1Page - Rohm MCF182CN472M04AK Datasheet HTML 2Page - Rohm MCF182CN472M04AK Datasheet HTML 3Page - Rohm MCF182CN472M04AK Datasheet HTML 4Page - Rohm MCF182CN472M04AK Datasheet HTML 5Page - Rohm MCF182CN472M04AK Datasheet HTML 6Page - Rohm MCF182CN472M04AK Datasheet HTML 7Page - Rohm MCF182CN472M04AK Datasheet HTML 8Page - Rohm MCF182CN472M04AK Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MCF18
EMI Filters
Rev.A
1/8
EMI FILTER
MCF18 (1608 (0603) size, 4A)
Features
1) Industry’s smallest size(1608 size)
2) The entire series is rated at 4A, making them ideal for high current circuits in or around the power supply.
3) The internal resistance is lower than in standard products (competitors’ 2A units)
Quick Reference
The design and specifications are subject to change without prior notice. Please check the most recent technical
specifications prior to placing orders or using the product. For more detail information regarding packaging style code,
please check product designation.
Capacitance
(pF)
Rated voltage
(V)
Temperature characteristics
code
Rated current
(A/DC)
Insulation
resistance(M
Ω)
Operating
temperature(
°C)
Model Name
Part No.
MCF18
10
22
47
100
220
470
1000
2200
3300
4700
10000
22000
47000
25
50
CN
AN
Rate of
capacitance
change
±15%
0
±30
ppm/
°C
M (
±20)
4
1000
−55 to +125
Thickness
(mm)
0.6
Capacitance
tolerance
(%)
MCF185AN100M04AK
MCF185AN220M04AK
MCF185AN470M04AK
MCF185AN101M04AK
MCF185AN221M04AK
MCF185AN471M04AK
MCF182CN102M04AK
MCF182CN222M04AK
MCF182CN332M04AK
MCF182CN472M04AK
MCF182CN103M04AK
MCF182CN223M04AK
MCF182CN473M04AK
Dimensions (Unit : mm)
0.8
±0.2
0.5
±0.15
0.2
±0.15
0.2
±0.15
1.6
±0.2


Similar Part No. - MCF182CN472M04AK

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
MCF12102G400-T TAIYO-YUDEN-MCF12102G400-T Datasheet
141Kb / 1P
   Multilayer Common Mode Choke Coils
MCF12102G900-T TAIYO-YUDEN-MCF12102G900-T Datasheet
141Kb / 1P
   Multilayer Common Mode Choke Coils
MCF12102H500-T TAIYO-YUDEN-MCF12102H500-T Datasheet
158Kb / 1P
   Multilayer Common Mode Choke Coils
MCF12102H900-T TAIYO-YUDEN-MCF12102H900-T Datasheet
141Kb / 1P
   Multilayer Common Mode Choke Coils
logo
TAI-TECH Advanced Elect...
MCF1210NF2 TAI-TECH-MCF1210NF2 Datasheet
102Kb / 2P
   Multilayer Common Mode Choke Coils
More results

Similar Description - MCF182CN472M04AK

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFWCMC636347-152 XFMRS-XFWCMC636347-152 Datasheet
39Kb / 1P
   EMI filter
XFWCMC636347-142 XFMRS-XFWCMC636347-142 Datasheet
78Kb / 1P
   EMI filter
logo
Qualtek Electronics Cor...
860-10-024 QUALTEK-860-10-024 Datasheet
251Kb / 1P
   EMI FILTER
862-06-001 QUALTEK-862-06-001 Datasheet
248Kb / 1P
   EMI FILTER
862-06-003 QUALTEK-862-06-003 Datasheet
255Kb / 1P
   EMI FILTER
864-06-007 QUALTEK-864-06-007 Datasheet
286Kb / 1P
   EMI FILTER
864-10-009 QUALTEK-864-10-009 Datasheet
268Kb / 1P
   EMI FILTER
880-06-006 QUALTEK-880-06-006 Datasheet
277Kb / 1P
   EMI FILTER
882-03-001 QUALTEK-882-03-001 Datasheet
295Kb / 1P
   EMI FILTER
882-06-013 QUALTEK-882-06-013 Datasheet
308Kb / 1P
   EMI FILTER
882-10-016 QUALTEK-882-10-016 Datasheet
304Kb / 1P
   EMI FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com