Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G8941 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # G8941
Description  InGaAs PIN photodiode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G8941 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  G8941_04 Datasheet HTML 1Page - Hamamatsu Corporation G8941_04 Datasheet HTML 2Page - Hamamatsu Corporation G8941_04 Datasheet HTML 3Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
InGaAs PIN photodiode
G8941 series
2
I Spectral response
KIRDB0002EB
I Dark current vs. reverse voltage
KIRDB0270EB
I Terminal capacitance vs. reverse voltage
KIRDB0271EA
KIRDB0272EA
I Dark current vs. temperature
WAVELENGTH (µm)
2.0
0.5
(Typ. Ta=25 ˚C)
0.8
1.0
1.2
1.4
1.6
1.8
1
0.6
10 pA
100 pA
1 nA
10 nA
0.01
0.1
1
10
100
(Typ. Ta=25 ˚C)
REVERSE VOLTAGE (V)
G8941-03
G8941-01
G8941-02
1 pF
10 pF
1 nF
100 pF
0.01
0.1
1
10
100
(Typ. Ta=25 ˚C, f=1 MHz)
REVERSE VOLTAGE (V)
G8941-03
G8941-02
G8941-01
1 pA
10 pA
100 nA
100 pA
1 nA
10 nA
-60
-40
-20
0
20
40
60
80
100
(Typ. VR=5 V)
TEMPERATURE (˚C)
G8941-01
G8941-02
G8941-03


Similar Part No. - G8941_04

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G8941-01 HAMAMATSU-G8941-01 Datasheet
139Kb / 3P
   InGaAs PIN photodiode
G8941-02 HAMAMATSU-G8941-02 Datasheet
139Kb / 3P
   InGaAs PIN photodiode
G8941-03 HAMAMATSU-G8941-03 Datasheet
139Kb / 3P
   InGaAs PIN photodiode
More results

Similar Description - G8941_04

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G8376 HAMAMATSU-G8376_06 Datasheet
182Kb / 2P
   InGaAs PIN photodiode
G8195 HAMAMATSU-G8195 Datasheet
130Kb / 2P
   InGaAs PIN photodiode
G6742 HAMAMATSU-G6742 Datasheet
336Kb / 2P
   InGaAs PIN photodiode
G8370 HAMAMATSU-G8370 Datasheet
220Kb / 4P
   InGaAs PIN photodiode
G8421 HAMAMATSU-G8421 Datasheet
169Kb / 4P
   InGaAs PIN photodiode
G9906-01 HAMAMATSU-G9906-01 Datasheet
61Kb / 2P
   InGaAs PIN photodiode
G8370-10 HAMAMATSU-G8370-10 Datasheet
122Kb / 2P
   InGaAs PIN photodiode
G8605 HAMAMATSU-G8605 Datasheet
247Kb / 4P
   InGaAs PIN photodiode
G8422 HAMAMATSU-G8422 Datasheet
255Kb / 4P
   InGaAs PIN photodiode
logo
KODENSHI_AUK CORP.
KPPB1-LG125 KODENSHI-KPPB1-LG125 Datasheet
190Kb / 2P
   InGaAs PIN Photodiode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com