Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G9203-256D Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # G9203-256D
Description  InGaAs linear image sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G9203-256D Datasheet(HTML) 3 Page - Hamamatsu Corporation

  G9203-256D Datasheet HTML 1Page - Hamamatsu Corporation G9203-256D Datasheet HTML 2Page - Hamamatsu Corporation G9203-256D Datasheet HTML 3Page - Hamamatsu Corporation G9203-256D Datasheet HTML 4Page - Hamamatsu Corporation G9203-256D Datasheet HTML 5Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
InGaAs linear image sensor
G9203-256D, G9204-512D
3
0.5
1.0
1.5
2.0
0
0.5
1.0
WAVELENGTH (µm)
(Typ. T=25 ˚C)
s Spectral response
KMIRB0019EA
1.52
1.54
1.56
1.60
1.58
1.62
1.64
0
60
120
40
100
20
80
WAVELENGTH (µm)
(Typ.)
70 ˚C
30 ˚C
-10 ˚C
s Photo sensitivity temperature characteristics
KMIRB0020EA
s Noise vs. temperature
KMIRB0017EA
s Dark current vs. temperature
KMIRB0021EA
0.4
-20
10
50
-10
30
20
60
040
70
TEMPERATURE (˚C)
0
0.3
0.5
0.2
0.1
(Typ. date rate: 250 kHz, Cf=10 pF, integration time: 10 ms, number of integrations: 50)
10 pA
-20
10
50
-10
30
20
60
040
70
TEMPERATURE (˚C)
10 fA
1 pA
100 pA
100 fA
(Typ.)
G9204-512D
G9203-256D


Similar Part No. - G9203-256D

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G9203-256D HAMAMATSU-G9203-256D Datasheet
103Kb / 4P
   InGaAs linear image sensor
G9203-256D HAMAMATSU-G9203-256D Datasheet
135Kb / 4P
   InGaAs linear image sensor
G9203-256D HAMAMATSU-G9203-256D_15 Datasheet
232Kb / 9P
   Near infrared (0.9 to 1.7 m) image sensors
More results

Similar Description - G9203-256D

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G9201 HAMAMATSU-G9201 Datasheet
103Kb / 4P
   InGaAs linear image sensor
G9211 HAMAMATSU-G9211 Datasheet
133Kb / 4P
   InGaAs linear image sensor
G9201 HAMAMATSU-G9201_06 Datasheet
135Kb / 4P
   InGaAs linear image sensor
G9494-256D HAMAMATSU-G9494-256D Datasheet
132Kb / 5P
   InGaAs linear image sensor
G9211 HAMAMATSU-G9211_05 Datasheet
132Kb / 4P
   InGaAs linear image sensor
C8061 HAMAMATSU-C8061 Datasheet
303Kb / 11P
   Designed for InGaAs linear image sensor
C8061-01 HAMAMATSU-C8061-01_15 Datasheet
1,001Kb / 12P
   Designed for InGaAs linear image sensor
C10820 HAMAMATSU-C10820_15 Datasheet
381Kb / 5P
   Driver circuit for InGaAs linear image sensor
logo
Toshiba Semiconductor
TCD1205D TOSHIBA-TCD1205D Datasheet
484Kb / 14P
   CCD LINEAR IMAGE SENSOR
TCD1304AP TOSHIBA-TCD1304AP Datasheet
511Kb / 14P
   CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com