Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G9211 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # G9211
Description  InGaAs linear image sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G9211 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  G9211_05 Datasheet HTML 1Page - Hamamatsu Corporation G9211_05 Datasheet HTML 2Page - Hamamatsu Corporation G9211_05 Datasheet HTML 3Page - Hamamatsu Corporation G9211_05 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
InGaAs linear image sensor
G9211 to G9214/G9205 to G9208 series
2
s Absolute maximum ratings
Parameter
Symbol
Value
Unit
Clock pulse voltage
V
φ
5.5
V
Operating temperature *
4
Topr
-40 to +70
°C
Storage temperature *
4
Tstg
-40 to +85
°C
*4: Non condensation
s Electrical characteristics (Ta=25 °C, V
φ=5 V )
Parameter
Symbol
Min.
Typ.
Max.
Unit
Vdd
4.9
5.0
5.1
Supply voltage
Vref
-
1.26
-
V
256 ch
-
45
50
I (Vdd)
512 ch
-
90
100
mA
Supply current
I (Vref)
-
1 Max.
-
mA
Ground
Vss
-
0
-
V
Element bias
INP
3.5
4.5
4.6
V
Element bias current
I (INP)
-
1 Max.
-
mA
Clock frequency
f
0.1
-
4
MHz
high
V
φ - 0.5
V
φ
V
φ + 0.5
V
Clock pulse voltage
low
V
φ
00
0.4
V
tr
φ
Clock pulse rise/fall times
tf
φ
0
20
100
ns
Clock pulse width
tpw
φ
200
-
-
ns
high
V
φ - 0.5
V
φ
V
φ + 0.5
V
Reset pulse voltage
low
V (RES)
0
0
0.4
V
tr (RES)
Reset pulse rise/fall times
tf (RES)
0
20
100
ns
Reset pulse width
tpw (RES)
6000
-
-
ns
high
VH
-4.5
-
Video output voltage
low
VL
01.26
-
V
Data rate
fV
-
f/8
-
Hz
s Electrical and optical characteristics (G9211 to G9214 series: T=25 °C, G9205 to G9208 series: T= -20 °C)
G9211 to G9214 series
G9205 to G9208 series
Parameter
Symbol
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
G9205
-
1.75
-
G9206
-
1.95
-
G9207
-
2.05
-
Peak sensitivity wavelength
λp
-
1.55
-
G9208
-
2.3
-
µm
Saturation charge
*5
Qsat
-
30
-
-
30
-
pC
RMS noise voltage
(Readout noise)
N
-
180
300
-
180
300
µVrms
Photo response non-uniformity
PRNU
-
-
±5
*6
-
-
±10
*7
%
*5: V
φ=5 V, Cf=10 pF
*6: 50 % of saturation, integration time: 10 ms, after dark output subtraction, excluding first and last pixels.
*7: 50 % of saturation, integration time: 3 ms, after dark output subtraction, excluding first and last pixels.
Dark current characteristics (T=25 °C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
G9211-256S
-
2
10
G9212-512S
-
1
5
G9213-256S
-
4
20
G9214-512S
-
1
5
G9205-256W
*5
-15
60
G9206-256W
*5
-
30
120
G9027-256W
*5
-
200
800
G9208-256W
*5
ID
-
500
2000
pA
*5: TD= -20 °C


Similar Part No. - G9211_05

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G9211 HAMAMATSU-G9211_08 Datasheet
459Kb / 6P
   Near infrared image sensors (0.9 to 1.67 關m / 2.55 關m)
More results

Similar Description - G9211_05

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G9201 HAMAMATSU-G9201 Datasheet
103Kb / 4P
   InGaAs linear image sensor
G9211 HAMAMATSU-G9211 Datasheet
133Kb / 4P
   InGaAs linear image sensor
G9201 HAMAMATSU-G9201_06 Datasheet
135Kb / 4P
   InGaAs linear image sensor
G9203-256D HAMAMATSU-G9203-256D Datasheet
95Kb / 5P
   InGaAs linear image sensor
G9494-256D HAMAMATSU-G9494-256D Datasheet
132Kb / 5P
   InGaAs linear image sensor
C8061 HAMAMATSU-C8061 Datasheet
303Kb / 11P
   Designed for InGaAs linear image sensor
C8061-01 HAMAMATSU-C8061-01_15 Datasheet
1,001Kb / 12P
   Designed for InGaAs linear image sensor
C10820 HAMAMATSU-C10820_15 Datasheet
381Kb / 5P
   Driver circuit for InGaAs linear image sensor
logo
Toshiba Semiconductor
TCD1205D TOSHIBA-TCD1205D Datasheet
484Kb / 14P
   CCD LINEAR IMAGE SENSOR
TCD1304AP TOSHIBA-TCD1304AP Datasheet
511Kb / 14P
   CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com