Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPM841-H16 Datasheet(PDF) 7 Page - Rohm

Part # RPM841-H16
Description  IrDA Infrared Communication Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPM841-H16 Datasheet(HTML) 7 Page - Rohm

Back Button RPM841-H16 Datasheet HTML 2Page - Rohm RPM841-H16 Datasheet HTML 3Page - Rohm RPM841-H16 Datasheet HTML 4Page - Rohm RPM841-H16 Datasheet HTML 5Page - Rohm RPM841-H16 Datasheet HTML 6Page - Rohm RPM841-H16 Datasheet HTML 7Page - Rohm RPM841-H16 Datasheet HTML 8Page - Rohm RPM841-H16 Datasheet HTML 9Page - Rohm RPM841-H16 Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
RPM841-H16
Photo Link Module
Rev.B
7/9
(2-b) RC transmit mode at IrDA receiver power down condition.
IrDA
IrDA
RC
RC
TXD
(3pin)
Min 1
µs
Min 1
µs
Min 1
µs
Min 1
µs
TX-RC
(2pin)
PWDOWN
(5pin)
LED Emitting
If TX-RC or TXD input pulse width is wider than 48µs, output LED emitting pulse will be turn off approximately 48µs.
Emitting Mode
Input
Condition
PWDOWN
L
L
H
H
TX-RC
LED Mode
L
L
L
OFF
IrDA
RC
OFF
Recriver circuit
ON
ON
OFF
OFF
TXD
L
L
L
(Receiving side)
Min 200
µs
Light input
PWDOWN
(5pin)
RXD
(4pin)
Pull up to VCC at
approximately 300k
RXD output width is fixed approximately 2.6µs.
Note RXD output become stable after 200
µs since PWDOWN is changed from H to L.
RXD output could be unstable at H to L within 200
µs.


Similar Part No. - RPM841-H16

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM841-H11 ROHM-RPM841-H11 Datasheet
119Kb / 10P
   IrDA Infrared Communication Module
More results

Similar Description - RPM841-H16

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM872-H7 ROHM-RPM872-H7 Datasheet
89Kb / 7P
   IrDA infrared communication module
RPM882-H14 ROHM-RPM882-H14 Datasheet
126Kb / 10P
   IrDA Infrared Communication Module
RPM871-H12 ROHM-RPM871-H12 Datasheet
103Kb / 8P
   IrDA Infrared communication Module
RPM871-H7 ROHM-RPM871-H7 Datasheet
93Kb / 7P
   IrDA Infrared communication Module
RPM841-H11 ROHM-RPM841-H11 Datasheet
119Kb / 10P
   IrDA Infrared Communication Module
RPM922-H11 ROHM-RPM922-H11 Datasheet
99Kb / 6P
   IrDA Infrared Communication Module
RPM872-H14 ROHM-RPM872-H14_06 Datasheet
94Kb / 7P
   IrDA infrared communication module
RPM871-H12E4A ROHM-RPM871-H12E4A Datasheet
83Kb / 8P
   IrDA Infrared communication Module
RPM970-H14 ROHM-RPM970-H14 Datasheet
127Kb / 8P
   IrDA Infrared Communication Module
RPM972-H14 ROHM-RPM972-H14 Datasheet
117Kb / 10P
   IrDA Infrared Communication Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com