Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPM841-H16 Datasheet(PDF) 8 Page - Rohm

Part # RPM841-H16
Description  IrDA Infrared Communication Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPM841-H16 Datasheet(HTML) 8 Page - Rohm

Back Button RPM841-H16 Datasheet HTML 2Page - Rohm RPM841-H16 Datasheet HTML 3Page - Rohm RPM841-H16 Datasheet HTML 4Page - Rohm RPM841-H16 Datasheet HTML 5Page - Rohm RPM841-H16 Datasheet HTML 6Page - Rohm RPM841-H16 Datasheet HTML 7Page - Rohm RPM841-H16 Datasheet HTML 8Page - Rohm RPM841-H16 Datasheet HTML 9Page - Rohm RPM841-H16 Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
RPM841-H16
Photo Link Module
Rev.B
8/9
Attached components
Recommended values
Part symbol
C1
Recommended value
Notice
1
µF, tantalum or ceramic
Ex.) TCFGA1A105M8R (ROHM)
Bigger capacitance is recommended with much noise from power supply
R1
2.2
Ω±5%, 1/8W
(VLEDVCC
=3V)
At LED Emitting Duty=25%
[LED current set-up method for Remote control mode]
In case of using R1 with different condition from the above, formula is as follows :
LED resistance value : R1[
Ω], LED average consumption current : ILED[mA], Supply voltage : VLEDVCC[V],
minimum necessary of irradiant intensity le1 [mW / sr]
(Including LED’s distribution within
±15deg)
R1=166
× (VLEDVCC−1.31) / le1−7.2
ILED=Duty
× (VLEDVCC−1.31) / (R1+5.8)
Duty : LED duty at emitting
∗ Please set up to be ILED / Duty < 250[mA]
(Duty
≤ 25%)
∗ At IrDA Mode, LED current is constantly approximately 50mA.
(Reference) In case of using R1, typical intensity (le1typ) and maximum intensity (le1max) on
axis are described as below.
le1typ=280
× (VLEDVCC−1.31) / (R1+5.8)
le1max=560
× (VLEDVCC−1.31) / (R1+5.8)
Notes
1) LEDVCC (1pin), VCC (6pin)
Other power source can be used difference between LEDVCC and VCC.
2) Caution in designing board lay-out
To get maximum potential from RPM841-H16, please keep in mind following instruction.
The line of RXD (4pin) should be connected at backside via through hole close to RPM841-H16 pin lead. Better not to
be close to photo diode side (7pin).
⇒This is to minimize feedback supplied to photo diode from RXD.
As for C1 between 6-7 pin should be placed close to RPM841-H16.
Better to be placed more than 1.0cm in radius from photo diode (pin7 side) and also away from the parts which
generates noise, such as DC/DC converter.
3) Notes
Please be sure to set up the TX-RC (2pin) and the TXD (3pin) input to be “L” (under 0.3V) except transmitting data
(for
< 90µs, ON duty ≤ 50%).
Power down current might increase if exposed by strong light (ex. direct sunlight) at powerdown mode.
Please use by the signal format at IrDA operating mode which is specified by IrDA Ver1.2 (2.4k to 115.2kbps). There
might be on error if used by different signal format.
Please pay attention to the lens carefully.
Dusts of scratch on the lens may effect the characteristics of product. Please handle it with care.


Similar Part No. - RPM841-H16

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM841-H11 ROHM-RPM841-H11 Datasheet
119Kb / 10P
   IrDA Infrared Communication Module
More results

Similar Description - RPM841-H16

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM872-H7 ROHM-RPM872-H7 Datasheet
89Kb / 7P
   IrDA infrared communication module
RPM882-H14 ROHM-RPM882-H14 Datasheet
126Kb / 10P
   IrDA Infrared Communication Module
RPM871-H12 ROHM-RPM871-H12 Datasheet
103Kb / 8P
   IrDA Infrared communication Module
RPM871-H7 ROHM-RPM871-H7 Datasheet
93Kb / 7P
   IrDA Infrared communication Module
RPM841-H11 ROHM-RPM841-H11 Datasheet
119Kb / 10P
   IrDA Infrared Communication Module
RPM922-H11 ROHM-RPM922-H11 Datasheet
99Kb / 6P
   IrDA Infrared Communication Module
RPM872-H14 ROHM-RPM872-H14_06 Datasheet
94Kb / 7P
   IrDA infrared communication module
RPM871-H12E4A ROHM-RPM871-H12E4A Datasheet
83Kb / 8P
   IrDA Infrared communication Module
RPM970-H14 ROHM-RPM970-H14 Datasheet
127Kb / 8P
   IrDA Infrared Communication Module
RPM972-H14 ROHM-RPM972-H14 Datasheet
117Kb / 10P
   IrDA Infrared Communication Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com