Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G10447-54 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # G10447-54
Description  GaAs PIN photodiode with preamp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G10447-54 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  G10447-54 Datasheet HTML 1Page - Hamamatsu Corporation G10447-54 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PHOTODIODE
GaAs PIN photodiode with preamp
ROSA type, 850 nm, 10 Gbps
G10447-51/-54
Features
Applications
l φ1.25 mm (-54)/ φ2.5 mm (-51)sleeve type ROSA
(Receiver Optical Sub-Assembly)
l High-speed response: 10 Gbps
l Low power supply voltage: Vcc=Vpd=3.3 V
l Differential output
l Sensitivity: +2 to -13.5 dBm Typ. (Extinction ratio=3.0 dB)
l Trans-impedance: 6 kΩ Typ. (single-ended)
l Large area (φ0.06 mm) for multi-mode optical fibers
l 10 gigabit ethernet
l Optical fiber communications
PRELIMINARY DATA
Jan. 2007
1
s Absolute m axim um ratings (Ta=25 °C)
Param eter
Sym bol
Value
Unit
Supply voltage
Vcc
-0.5 Min., +3.7 Max.
V
Reverse voltage (photodiode)
VR
7
V
Operating tem perature *
1
Topr
-20 to +85
°C
Storage temperature *
1
Tstg
-40 to +85
°C
*1: No condensation
s
s
s
s Recomm ended operating conditions
Param eter
Sym bol
Value
Unit
Case tem perature *
1
Tc
-20 to 85
°C
Supply voltage
Vcc
3.05 to 3.53
V
Reverse voltage (photodiode)
Vpd
3.05 to 5.0
V
Spectral response range
λ
830 to 870
nm
Load resistance *
2
RL
50
Bit rate
-
9 to 10.3
Gbps
Bit pattern
-
NRZ, Mark ratio=1/2
-
*2: Capacitive coupling
s Electrical and optical characteristics (“s Recomm ended operating conditions”, unless otherwise noted)
Param eter
Sym bol
Condition
Min.
Typ.
Max.
Unit
Responsivity
R
0.4
0.55
-
A/W
Supply current
Icc
Dark state, RL=
-
32
45
mA
Cut-off frequency
fc
-3 dB
6.0
8.0
12.3
GHz
Low cut-off frequency
fc-L
-3 dB
-
10
50
kHz
Trans-im pedance *
3
Tz
RL=50
Ω, f=100 MHz
4
6
-
k
Stressed receivable sensitivity
(OMA)
SRS
PN=31, BER=10
-12
Extinction ratio=3 dB
λ=850 nm, VECP=3.5 dB
-
-12
-
dBm
Minim um receivable sensitivity
(OMA)
Pm in
(OMA)
Extinction
ratio=3 dB
-
-13.5
-12
Maxim um receivable sensitivity
(Average)
Pm ax
PN=31
BER=10
-12
Extinction
ratio=7 dB
+0.5
+2
-
dBm
Output am plitude
Vom ax
Differential
300
450
650
m Vpp
Tc=25 °C
-
0.02
1
Dark current
ID
Dark state
Vpd=3.3 V
-
-
100
nA
Optical return loss
ORL
12
14
-
dB
Output resistance
Rout
-
60
-
*3: Single-ended (Vout+) measurement


Similar Part No. - G10447-54

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G1042 ETC2-G1042 Datasheet
80Kb / 2P
   Stay Connected with Heyco Bushings, Grommets, Bumpers & Feet
G1042 ETC2-G1042 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
logo
Heyco.
G1042 HEYCO-G1042 Datasheet
92Kb / 1P
   Rubber Grommets
logo
List of Unclassifed Man...
G1043 ETC2-G1043 Datasheet
81Kb / 2P
   For Panels .250 (6,4 mm) to .375 (9,5 mm) Thick
logo
Heyco.
G1043 HEYCO-G1043 Datasheet
92Kb / 1P
   Thick Panel Rubber Grommets
More results

Similar Description - G10447-54

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G9845-14 HAMAMATSU-G9845-14 Datasheet
76Kb / 2P
   GaAs PIN photodiode with preamp
G9287-14 HAMAMATSU-G9287-14 Datasheet
235Kb / 2P
   GaAs PIN photodiode with preamp
G9842 HAMAMATSU-G9842 Datasheet
88Kb / 2P
   GaAs PIN photodiode with preamp
G9843 HAMAMATSU-G9843 Datasheet
94Kb / 2P
   GaAs PIN photodiode with preamp
G8338 HAMAMATSU-G8338 Datasheet
108Kb / 2P
   InGaAs PIN photodiode with preamp
G10518-51 HAMAMATSU-G10518-51 Datasheet
311Kb / 2P
   InGaAs PIN photodiode with preamp
G9820 HAMAMATSU-G9820 Datasheet
90Kb / 2P
   InGaAs PIN photodiode with preamp
G10342-14 HAMAMATSU-G10342-14 Datasheet
219Kb / 2P
   InGaAs PIN photodiode with preamp
G8339 HAMAMATSU-G8339 Datasheet
118Kb / 2P
   InGaAs PIN photodiode with preamp
G9128 HAMAMATSU-G9128 Datasheet
129Kb / 2P
   InGaAs PIN photodiode with preamp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com