Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H6533 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # H6533
Description  PHOTOMULTIPLIER TUBE ASSEMBLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H6533 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  H6533 Datasheet HTML 1Page - Hamamatsu Corporation H6533 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Speed Response (Rise Time = 0.7ns, TTS = 0.16ns FWHM)
25mm (1 Inch) Diameter, 10 - stage, Bialkali Photocathode, Head - On Type
Dynode
Photocathode
Wavelength of Maximum Response
Material
Minimum Effective Area
Structure
Number of Stages
Case
Assembled Photomultiplier Tube
300 to 650
420
Borosilicate glass
Linear focused
Magnetic shield case
nm
nm
mm dia.
GENERAL
MAXIMUM RATINGS (Absolute Maximum Values)
°C
-2500
-30 to +50
0.016
Vdc
mA
Supply Voltage
Average Anode Current
Ambient Temperature
Between Anode and Cathode
CHARACTERISTICS (at 25
°C)
Blue (CS 5 - 58 filter)
Transit Time Spread (T.T.S.)
Anode
Sensitivity
Gain
Anode Pulse Rise Time
Electron Transit Time
Time
Response
6
5.7
× 106
A/lm
Cathode
Sensitivity
Luminous (2856 K)
100
60
70
9
400
Luminous (2856 K)
100
ns
Parameter
H6533
Unit
Spectral Response
Window Material
Bialkali
20
10
Parameter
Unit
Description/Value
Parameter
Unit
Max.
Typ.
Min.
µA/lm
µA/lm-b
VOLTAGE DISTRIBUTION RATIO AND SUPPLY VOLTAGE
Electrodes
K
G
Dy1
Dy3
Dy4
Dy2
Dy5
Dy6
Dy7
Dy8
P
Supply Voltage: -2250 Vdc,
K: Cathode,
Dy: Dynode,
P: Anode,
G: Grid
Acc to be connected to Dy7
1
1
1.5
1
1
1
1.8
1.2
4.8
1.3
Ratio
PHOTOMULTIPLIER TUBE
ASSEMBLIES
H6533/H6610
0.7
800
nA
H6610
160 to 650
Synthetic silica
3
2.5
Dy9
Dy10
Anode Dark Current (after 30 min. storage in darkness)
ns
R4998
R5320
0.16
10
—ns
NOTE: Anode characteristics are measured with the voltage distribution ratio shown below.
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subjected to change without notice. No patent right are granted to any of the circuits described herein. c1998 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
0.36
mA
Voltage Divider Current


Similar Part No. - H6533

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H6500NL PULSE-H6500NL Datasheet
523Kb / 3P
   SMT COMMON MODE CHOKES
H6501NL PULSE-H6501NL Datasheet
523Kb / 3P
   SMT COMMON MODE CHOKES
H6502NL PULSE-H6502NL Datasheet
523Kb / 3P
   SMT COMMON MODE CHOKES
H6503NL PULSE-H6503NL Datasheet
523Kb / 3P
   SMT COMMON MODE CHOKES
H6504NL PULSE-H6504NL Datasheet
523Kb / 3P
   SMT COMMON MODE CHOKES
More results

Similar Description - H6533

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1477-06 HAMAMATSU-R1477-06 Datasheet
76Kb / 4P
   PHOTOMULTIPLIER TUBE
R374 HAMAMATSU-R374 Datasheet
28Kb / 2P
   PHOTOMULTIPLIER TUBE
R943-02 HAMAMATSU-R943-02 Datasheet
167Kb / 4P
   PHOTOMULTIPLIER TUBE
R1250 HAMAMATSU-R1250 Datasheet
23Kb / 2P
   PHOTOMULTIPLIER TUBE
R1893 HAMAMATSU-R1893 Datasheet
33Kb / 2P
   PHOTOMULTIPLIER TUBE
R1464 HAMAMATSU-R1464 Datasheet
40Kb / 4P
   PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_07 Datasheet
96Kb / 2P
   PHOTOMULTIPLIER TUBE
R9182-01 HAMAMATSU-R9182-01 Datasheet
217Kb / 2P
   PHOTOMULTIPLIER TUBE
R4124 HAMAMATSU-R4124_15 Datasheet
40Kb / 2P
   PHOTOMULTIPLIER TUBE
R3998-02 HAMAMATSU-R3998-02_15 Datasheet
50Kb / 2P
   PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com