Electronic Components Datasheet Search |
|
SP8J5 Datasheet(PDF) 2 Page - Rohm |
|
SP8J5 Datasheet(HTML) 2 Page - Rohm |
2 / 5 page SP8J5 Transistors Rev.A 2/4 Electrical characteristics (Ta=25 °C) <It is the same characteristics for Tr1 and Tr2.> Parameter Symbol IGSS Yfs Min. Typ. Max. Unit Conditions V(BR) DSS IDSS VGS (th) RDS (on) Ciss Coss Crss td (on) tr td (off) tf Qg Qgs Qgd ∗ ∗ ∗ ∗ ∗ ∗ ∗ ∗ ∗ Gate-source leakage Drain-source breakdown voltage Zero gate voltage drain current Gate threshold voltage Static drain-source on-state resistance Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Total gate charge Gate-source charge Gate-drain charge ∗Pulsed −− ±10 µAVGS=±20V, VDS=0V VDD −15V −30 −− VID = −1mA, VGS=0V −− −1 µAVDS= −30V, VGS=0V −1.0 −−2.5 V VDS = −10V, ID= −1mA − 20 28 ID = −7A, VGS= −10V − 25 35 m Ω m Ω m Ω ID = −3.5A, VGS= −4.5V − 30 42 ID = −3.5A, VGS= −4.0V 6.0 −− SVDS = −10V, ID= −3.5A − 2600 − pF VDS = −10V − 450 350 − pF VGS =0V − 20 − pF f =1MHz − 50 − ns − 110 − ns − 70 − ns − 25 − ns − 5.5 − nC − 10 − nC VGS = −5V −− nC ID = −7A VDD −15V ID = −3.5A VGS = −10V RL =4.3Ω RG =10Ω Body diode characteristics (Source-drain) (Ta=25 °C) <It is the same characteristics for Tr1 and Tr2.> VSD −− −1.2 V IS = −1.6A, VGS=0V Forward voltage Parameter Symbol Min. Typ. Max. Unit Conditions |
Similar Part No. - SP8J5 |
|
Similar Description - SP8J5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |