Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QM30TB-24B Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # QM30TB-24B
Description  MEDIUM POWER SWITCHING USE INSULATED TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

QM30TB-24B Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  QM30TB-24B Datasheet HTML 1Page - Mitsubishi Electric Semiconductor QM30TB-24B Datasheet HTML 2Page - Mitsubishi Electric Semiconductor QM30TB-24B Datasheet HTML 3Page - Mitsubishi Electric Semiconductor QM30TB-24B Datasheet HTML 4Page - Mitsubishi Electric Semiconductor QM30TB-24B Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Feb.1999
2
10
1
10
0
10
0
10
–3
10
–2
10
–1
10
2
10
1
10
0
10
3
10
2
10
1
10
2
10
1
10
7
5
4
3
2
0
10
7
5
4
3
2
0.4
0.8
1.2
1.6
2.0
2.4
Tj=25°C
Tj=125°C
1
10
7
5
4
3
2
0
10
7
5
4
3
34 5 7
0
10
23 4 5 7
1
10
3
2
23
ts
tf
Tj=25°C
Tj=125°C
VCC=600V
IB1=60mA
IC=30A
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
44
4
TC=25°C
7
5
3
2
2
2
200µS
100µS
DC
1mS
500µS
7
5
3
2
7
5
3
2
7
5
3
2
0.5
0.4
0.3
0.1
0
44
4
23 45 7
0.2
3
2
457
100
90
60
40
20
0
0
160
20
40
60
80 100 120 140
80
10
70
50
30
80
20
0
0
400
40
800
1200
200
600
1000
1400
50
30
10
IB2=2.5A
Tj=125°C
70
60
NON–REPETITIVE
COLLECTOR
DISSIPATION
SECOND
BREAKDOWN
AREA
SWITCHING TIME VS. BASE
CURRENT (TYPICAL)
REVERSE BIAS SAFE OPERATING AREA
COLLECTOR-EMITTER VOLTAGE
VCE (V)
BASE REVERSE CURRENT
–IB2 (A)
FORWARD BIAS SAFE OPERATING AREA
DERATING FACTOR OF F. B. S. O. A.
COLLECTOR-EMITTER VOLTAGE
VCE (V)
CASE TEMPERATURE
TC (
°C)
REVERSE COLLECTOR CURRENT VS.
COLLECTOR-EMITTER REVERSE
VOLTAGE (DIODE FORWARD
CHARACTERISTICS) (TYPICAL)
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTIC (TRANSISTOR)
COLLECTOR-EMITTER REVERSE VOLTAGE
–VCEO (V)
TIME (s)
MITSUBISHI TRANSISTOR MODULES
QM30TB-24B
MEDIUM POWER SWITCHING USE
INSULATED TYPE


Similar Part No. - QM30TB-24B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM30TB-24 MITSUBISHI-QM30TB-24 Datasheet
75Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - QM30TB-24B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM15TG-9B MITSUBISHI-QM15TG-9B Datasheet
73Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50HA-H MITSUBISHI-QM50HA-H Datasheet
61Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM15TB-2H MITSUBISHI-QM15TB-2H Datasheet
78Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50DY-H MITSUBISHI-QM50DY-H Datasheet
70Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM15HA-H MITSUBISHI-QM15HA-H Datasheet
62Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50DY-24B MITSUBISHI-QM50DY-24B Datasheet
78Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
CM50TF-24H MITSUBISHI-CM50TF-24H Datasheet
57Kb / 4P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30TF-HB MITSUBISHI-QM30TF-HB Datasheet
88Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30DY-H MITSUBISHI-QM30DY-H Datasheet
69Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
CM15MD-24H MITSUBISHI-CM15MD-24H Datasheet
154Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50TB-2HB MITSUBISHI-QM50TB-2HB Datasheet
86Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com