Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L10671D Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # L10671D
Description  COMPACT UV-VIS S2D2 FIBER LIGHT SOURCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L10671D Datasheet(HTML) 2 Page - Hamamatsu Corporation

  L10671D Datasheet HTML 1Page - Hamamatsu Corporation L10671D Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TLSO1067E01
SEPT. 2007 IP
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2007 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
TLSOA0104EA
DIMENSIONAL OUTLINES (Unit: mm)
SPECIFICATIONS
REPLACEMENT LAMP
LIGHT GUIDE
4
(SOLD SEPARATELY)
ACCESSORIES (Supplied)
GAC Adapter
GExternal Control Cable
GInstruction Manual
This product complies with safety standard IEC61010-1, EMC standard EN61326.
HAMAMATSU PHOTONICS K.K., Electron Tube Division
314-5, Shimokanzo, Iwata City, Shizuoka Pref., 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218 E-mail: usa@hamamatsu.com
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658 E-mail: info@hamamatsu.de
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10 E-mail: infos@hamamatsu.fr
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road Welwyn Garden City Hertfordshire AL7 1BW, United Kingdom, Telephone: 44-(0)1707-294888, Fax: 44(0)1707-325777 E-mail: info@hamamatsu.co.uk
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171-41 SOLNA, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01 E-mail: info@hamamatsu.se
Italy: Hamamatsu Photonics Italia: S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741 E-mail: info@hamamatsu.it
WEB SITE www.hamamatsu.com
POWER
SHUTTER
SHUTTER
PIN No.
Signal Name
1
2
3
4
5
6
7
8
9
!0
Deuterium lamp ON/OFF
Tungsten lamp ON/OFF
Shutter open/close
Deuterium lamp status signal
Tungsten lamp status signal
No connection
Main power ON/OFF status signal
No connection
No connection
GND
90
EXTERNAL CONTROL
TERMINALS
POWER CONNECTOR
SHUTTER SWITCH
INDICATOR
UPPER: MAIN POWER
LOWER: SHUTTER OPEN/CLOSE
LIGHT GUIDE CONNECTOR
(SMA905D)
COOLING FAN
SIDE VIEW
TOP VIEW
REAR VIEW
FRONT VIEW
EXTERNAL CONTROL TERMINALS PINOUT
UV RESISTANT CHARACTERISTICS (at 215 nm)
L10671D
L10671W
800 h
1000 h
Lamp
Type No.
Lamp Life 3
A7969-06AS5
A7969-08AS5
0.6 mm
0.8 mm
1.0 m
Core Diameter
Type No.
Length
TLSOB0094EC
Specifications
200 nm to 1600 nm
S2D2 Lamp
0.5 W Tungsten Lamp
0.004 % p-p
(Equivalent to 2
× 10-5 A.U.)
±0.25 %/h
100 V to 240 V (50 Hz/60 Hz)
10 VA
200 g
SMA905D
Included
Lamp ON/OFF
Shutter open/close
Status Signal for Lamp ON/OFF
and Main Power ON/OFF
Shutter open/close
0
°C to +40 °C
Below 80 %
-10
°C to +60 °C
Below 85 %
CE Marking
Spectral Distribution
Built-in Lamp
Output
Stability
Input Voltage (AC) 12
Power Consumption 1
Weight
Light Guide Connector
Shutter
External Control
Main Unit Switch
Operating Ambient Temperature
Operating Ambient Humidity
Storage Temperature
Storage Humidity
Applicable Standard
Fluctuation (Typ.)
Drift (Max.)
Parameter
OPERATION TIME (h)
0
20
40
60
80
100
120
050
100
150
200
250
300
350
400
450
STANDARD TYPE
A7969-06AS, A7969-08AS
NOTE: 4Other shapes and combinations are available upon request.
5AS type is a UV-resistant light guide.
S2D2 Lamp
Tungsten Lamp
NOTE: 3Guaranteed life. Defined as the time when the radiant intensity
falls to 50% of its initial value or the radiant output fluctuation
exceeds 0.05 %.
NOTE: 1When used with AC adapter (supplied).
2Input voltage to light source unit is 12 V dc (8.5 V dc to 13.2 V dc).


Similar Part No. - L10671D

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L10671D HAMAMATSU-L10671D_15 Datasheet
535Kb / 4P
   S2D2 MODULE
More results

Similar Description - L10671D

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L10671 HAMAMATSU-L10671_15 Datasheet
220Kb / 2P
   COMPACT UV-VIS S2D2 FIBER LIGHT SOURCE
L12515 HAMAMATSU-L12515_15 Datasheet
159Kb / 2P
   COMPACT UV-VIS S2D2 FIBER LIGHT SOURCE (UV Enhanced Type)
L7893 HAMAMATSU-L7893 Datasheet
202Kb / 2P
   UV-VIS FIBER LIGHT SOURCE
L10290 HAMAMATSU-L10290_15 Datasheet
190Kb / 2P
   HIGH POWER UV-VIS FIBER LIGHT SOURCE
L10290 HAMAMATSU-L10290 Datasheet
141Kb / 2P
   HIGH POWER UV-VIS FIBER LIGHT SOURCE
L10706 HAMAMATSU-L10706_15 Datasheet
203Kb / 2P
   S2D2 VUV LIGHT SOURCE UNIT
L12848-305 HAMAMATSU-L12848-305_15 Datasheet
1Mb / 2P
   uv cathode emitting light source
logo
OSRAM GmbH
LETQ9WM-JXKX-25 OSRAM-LETQ9WM-JXKX-25 Datasheet
738Kb / 21P
   Compact light source in SMT technology
LETQ8WP-MBNB-34 OSRAM-LETQ8WP-MBNB-34 Datasheet
791Kb / 23P
   Compact light source in SMT technology
LERQ8WP-KBMA-34 OSRAM-LERQ8WP-KBMA-34 Datasheet
786Kb / 23P
   Compact light source in SMT technology
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com