Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2748-41 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # P2748-41
Description  MCT photoconductive detector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

P2748-41 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  P2748-41 Datasheet HTML 1Page - Hamamatsu Corporation P2748-41 Datasheet HTML 2Page - Hamamatsu Corporation P2748-41 Datasheet HTML 3Page - Hamamatsu Corporation P2748-41 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MCT photoconductive detector
P2748/P5274 series, P3257-50
100
10
1
10
100
FREQUENCY (Hz)
1000
10000
(Typ. )
WAVELENGTH (µm)
0
5
10
15
20
25
10
10
10
9
10
8
(Typ. T= -196 ˚C)
10
11
P5274-01
P2748-40
P5274
BIAS CURRENT (mA)
0
5
10
20
25
4
(Typ.)
15
8
12
16
20
D*
S
N
s Spectral response
KIRDB0072EC
s S/N vs. bias current
KIRDB0073EB
s Noise frequency characteristic
KIRDB0074EC
Spectral response can be shifted upon
request.
The detector must be operated in a range
where the D* becomes Max.
s Measurement circuit
KIRDC0007EA
CHOPPER
1200 Hz
BAND-PASS
FILTER
r.m.s.
METER
BLACK BODY
500 K
DETECTOR
fo=1200 Hz
∆f=120 Hz
INCIDENT ENERGY: 2.64 µW/cm
2
2


Similar Part No. - P2748-41

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P2748-41 HAMAMATSU-P2748-41 Datasheet
172Kb / 4P
   MCT photoconductive detector
More results

Similar Description - P2748-41

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P2748 HAMAMATSU-P2748 Datasheet
172Kb / 4P
   MCT photoconductive detector
P3257 HAMAMATSU-P3257 Datasheet
141Kb / 3P
   MCT photoconductive detector
P3257 HAMAMATSU-P3257_15 Datasheet
242Kb / 7P
   MCT photoconductive detectors
P2748 HAMAMATSU-P2748_15 Datasheet
226Kb / 4P
   MCT photoconductive detectors
P9696 HAMAMATSU-P9696 Datasheet
109Kb / 2P
   PbSe photoconductive detector
P9217 HAMAMATSU-P9217_07 Datasheet
95Kb / 3P
   PbS photoconductive detector
P791 HAMAMATSU-P791_07 Datasheet
93Kb / 4P
   PbSe photoconductive detector
P6606 HAMAMATSU-P6606_04 Datasheet
117Kb / 4P
   InSb photoconductive detector
P6606 HAMAMATSU-P6606 Datasheet
155Kb / 4P
   InSb photoconductive detector
P791-11 HAMAMATSU-P791-11 Datasheet
174Kb / 4P
   PbSe photoconductive detector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com