Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P9217 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # P9217
Description  PbS photoconductive detector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

P9217 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  P9217_07 Datasheet HTML 1Page - Hamamatsu Corporation P9217_07 Datasheet HTML 2Page - Hamamatsu Corporation P9217_07 Datasheet HTML 3Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
P9217 series
Features
Applications
INFRARED
DETECTOR
PbS photoconductive detector
l High reliability: high temperature resistant
l Radiation thermometers
l Flame monitors
l Water content analyzers
l Food ingredient analysis
l Spectrophotometers
Room-temperature detectors capable of detecting up to 2.9 µm
P9217 is a PbS photoconductive detector with greatly improved stability and resistance to high temperatures as compared with conventional types.
Accessories (Optional)
l Preamplifier for PbS/PbSe photoconductive detector C3757-02
1
1
s Specification/Absolute maximum ratings
Absolute maximum ratings
Active
area
Supply voltage
Operating
temperature
Topr
Storage
temperature
Tstg
Type No.
Di m e nsional
Outline/
W i ndow
material *1
Package
Cooling
(mm)
(V)
(°C)
(°C)
P9217
➀/K
1 × 5
P9217-02
➀/K
2 × 2
P9217-03
➀/K
TO-5
3 × 3
P9217-04
➁/K
TO-8
Non-cooled
4 × 5
100
-30 to +65
-55 to +65
s Electrical and optical characteristics (Typ. unless otherwise noted)
P eak
sensitivity
w avelength
λp
Cut-off
w avelength
λc
Photo sensitivity *
2
S
λ=λp
Vs=15 V
D∗
(500, 600, 1)
D∗
(
λp, 600, 1)
Rise time
tr
0 to 63 %
Dark
resistance
Rd
Type No.
(µm)
(µm)
Min.
(V/W)
Typ.
(V/W)
Min.
(cm·Hz
1/2/W)
Typ.
(cm·Hz
1/2/W) (cm·Hz1/2/W)
Max.
(µs)
(M
Ω)
P9217
4 × 10
4
0.05 to 1
P9217-02
5 × 10
4
1 × 10
5
P9217-03
2 × 10
4
5 × 10
4
5 × 10
8
1 × 10
9
1 × 10
11
0.25 to 2.5
P9217-04
2.2
2.9
1 × 10
4
3 × 10
4
2 × 10
8
5 × 10
8
5 × 10
10
200
0.2 to 2.0
*1: Window material K: Borosilicate glass
*2: Chopping frequency: 600 Hz, load resistance: nearly equal to detector element dark resistance.


Similar Part No. - P9217_07

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P9217 HAMAMATSU-P9217 Datasheet
91Kb / 3P
   PbS photoconductive detector
More results

Similar Description - P9217_07

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P2532-01 HAMAMATSU-P2532-01 Datasheet
82Kb / 4P
   PbS photoconductive detector
P9217 HAMAMATSU-P9217 Datasheet
91Kb / 3P
   PbS photoconductive detector
P9696 HAMAMATSU-P9696 Datasheet
109Kb / 2P
   PbSe photoconductive detector
P791 HAMAMATSU-P791_07 Datasheet
93Kb / 4P
   PbSe photoconductive detector
P6606 HAMAMATSU-P6606_04 Datasheet
117Kb / 4P
   InSb photoconductive detector
P2748 HAMAMATSU-P2748 Datasheet
172Kb / 4P
   MCT photoconductive detector
P6606 HAMAMATSU-P6606 Datasheet
155Kb / 4P
   InSb photoconductive detector
P791-11 HAMAMATSU-P791-11 Datasheet
174Kb / 4P
   PbSe photoconductive detector
P3257 HAMAMATSU-P3257 Datasheet
141Kb / 3P
   MCT photoconductive detector
P2748 HAMAMATSU-P2748_07 Datasheet
85Kb / 4P
   MCT photoconductive detector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com