Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R446 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # R446
Description  PHOTOMULTIPLIER TUBE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R446 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  R446 Datasheet HTML 1Page - Hamamatsu Corporation R446 Datasheet HTML 2Page - Hamamatsu Corporation R446 Datasheet HTML 3Page - Hamamatsu Corporation R446 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
((2)Voltage Hysteresis
The tube is operated at 300 V with an anode current of 0.1
µA
for 5 minutes. The light is then removed from the tube and the supply voltage
is quickly increased to 800 V. After a minute, the supply voltage is then
reduced to the previous value and the tube is re-illuminated for a minute to
measure the variation.
(1)Light Hysteresis
The tube is operated at 750 V with an anode current of 1
µA for
5 minutes. The light is then removed from the tube for a minute. The tube is
then re-illuminated by the previous light level for a minute to measure the
variation.
Figure 2: Anode Luminous Sensitivity and
Gain Characteristics
Figure 3: Typical Time Response
Figure 4: Typical Temperature Coefficient of Anode
Sensitivity
Figure 5: Typical Temperature Characteristic of Dark Current
(at 1000 V, after 30 min strage in darkness)
TPMSB0091EC
TPMSB0092EC
TPMSB0093EC
TPMSB0094EB
500
700
1000
1500
SUPPLY VOLTAGE (V)
1
2
4
6
8
10
20
40
60
80
100
TRANSIT TIME
RISE TIME
-20
-30
0
+20
+40
-10
+10
+30
+50
TEMPERATURE (
°C)
20
0
40
60
80
100
120
140
160
400 nm
800 nm
600 nm
-20
-30
0
+20
+40
-10
+10
+30
+50
TEMPERATURE (
°C)
0.01
0.1
1
10
100
500
700
1500
1000
10-1
100
101
102
103
104
105
SUPPLY VOLTAGE (V)
102
103
104
105
106
107
108
TYPICAL GAIN
MINIMUM ANODE
SENSITIVITY
TYPICAL ANODE
SENSITIVITY


Similar Part No. - R446

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
R44 ISC-R44 Datasheet
304Kb / 2P
   isc Silicon NPN RF Transistor
R44 ISC-R44 Datasheet
275Kb / 2P
   isc Silicon NPN RF Transistor
logo
Harwin Plc
R44-100 HARWIN-R44-100 Datasheet
2Mb / 1P
   Metric & Imperial Spacers
logo
Aeroflex Circuit Techno...
R4400 AEROFLEX-R4400 Datasheet
169Kb / 11P
   A MIPS R4400 RISC Microprocessor Multichip Module
logo
List of Unclassifed Man...
R4400 ETC1-R4400 Datasheet
1Mb / 754P
   MIPS R4000 Microprocessor
More results

Similar Description - R446

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1477-06 HAMAMATSU-R1477-06 Datasheet
76Kb / 4P
   PHOTOMULTIPLIER TUBE
R374 HAMAMATSU-R374 Datasheet
28Kb / 2P
   PHOTOMULTIPLIER TUBE
R943-02 HAMAMATSU-R943-02 Datasheet
167Kb / 4P
   PHOTOMULTIPLIER TUBE
R1250 HAMAMATSU-R1250 Datasheet
23Kb / 2P
   PHOTOMULTIPLIER TUBE
R1893 HAMAMATSU-R1893 Datasheet
33Kb / 2P
   PHOTOMULTIPLIER TUBE
R1464 HAMAMATSU-R1464 Datasheet
40Kb / 4P
   PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_07 Datasheet
96Kb / 2P
   PHOTOMULTIPLIER TUBE
R9182-01 HAMAMATSU-R9182-01 Datasheet
217Kb / 2P
   PHOTOMULTIPLIER TUBE
R4124 HAMAMATSU-R4124_15 Datasheet
40Kb / 2P
   PHOTOMULTIPLIER TUBE
R3998-02 HAMAMATSU-R3998-02_15 Datasheet
50Kb / 2P
   PHOTOMULTIPLIER TUBE
R3896 HAMAMATSU-R3896_15 Datasheet
215Kb / 4P
   PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com