Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2693 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # R2693
Description  PHOTOMULTIPLIER TUBES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R2693 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  R2693_07 Datasheet HTML 1Page - Hamamatsu Corporation R2693_07 Datasheet HTML 2Page - Hamamatsu Corporation R2693_07 Datasheet HTML 3Page - Hamamatsu Corporation R2693_07 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Figure 3: Typical Spectral Response
Figure 4: Typical Time Response
Figure 7: Typical Temperature Coefficient
of Anode Sensitivity
Figure 8: Typical Temperature Characteristics
of Dark Current (R2693)
(at 1000 V, after 30 min storage)
Figure 5: Typical Gain and Anode Dark Current (R2693)
Figure 6: Typical Single Photoelectron Pulse Height
Distribution (R2693P)
TPMSB0060EA
200
400
600
800
WAVELENGTH (nm)
0.01
0.1
1
10
100
CATHODE
RADIANT
SENSITIVITY
QUANTUM
EFFICIENCY
TPMSB0061EA
200
100
80
60
40
20
10
8
6
4
2
1
300
500
700
1000
1500
TRANSIT
TIME
RISE TIM
E
SUPPLY VOLTAGE (V)
TPMSB0062EA
108
107
106
105
104
103
102
101
SUPPLY VOLTAGE (V)
300
400
500
600
800
1000
1300
GAIN
10-5
10-6
10-7
10-8
10-9
10-10
10-11
10-12
TPMSB0063EA
1.0
0.8
0.6
0.4
0.2
0
0
200
400
600
800
1000
CHANNEL NUMBER (ch)
SIGNAL+DARK
WAVELENGTH OF INCIDENT LIGHT
SUPPLY VOLTAGE
SIGNAL+DARK COUNTS
DARK COUNTS
AMBIENT TEMPERATURE
: 400 nm
: 1000 V
: 5364 s-1
: 15 s-1
: +25
DARK
DISCRIMINATION LEVEL
TPMSB0064EA
+1.2
+0.8
+0.4
0
-0.4
-0.8
-1.2
200
300
400
500
600
700
WAVELENGTH (nm)
TPMSB0065EB
100
10
1
0.1
20
80
100
TEMPERATURE (
°C)
0.01
040
60


Similar Part No. - R2693_07

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R2693P HAMAMATSU-R2693P Datasheet
68Kb / 4P
   PHOTOMULTlPLlER TUBES
More results

Similar Description - R2693_07

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R6427 HAMAMATSU-R6427 Datasheet
63Kb / 4P
   PHOTOMULTIPLIER TUBES
R1463 HAMAMATSU-R1463 Datasheet
45Kb / 4P
   PHOTOMULTIPLIER TUBES
R4220 HAMAMATSU-R4220_15 Datasheet
225Kb / 4P
   PHOTOMULTIPLIER TUBES
R2083 HAMAMATSU-R2083_15 Datasheet
44Kb / 2P
   PHOTOMULTIPLIER TUBES
R8486 HAMAMATSU-R8486_15 Datasheet
225Kb / 4P
   PHOTOMULTIPLIER TUBES
R13478 HAMAMATSU-R13478 Datasheet
237Kb / 4P
   PHOTOMULTIPLIER TUBES
R8486 HAMAMATSU-R8486_03 Datasheet
141Kb / 4P
   PHOTOMULTIPLIER TUBES
R3788 HAMAMATSU-R3788_06 Datasheet
178Kb / 4P
   PHOTOMULTIPLIER TUBES
R1307 HAMAMATSU-R1307 Datasheet
32Kb / 4P
   PHOTOMULTIPLIER TUBES
R2658 HAMAMATSU-R2658 Datasheet
105Kb / 4P
   PHOTOMULTIPLIER TUBES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com