Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74ALS240A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # DM74ALS240A
Description  Octal 3-STATE Bus Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS240A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  DM74ALS240A_07 Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS240A_07 Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS240A_07 Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS240A_07 Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS240A_07 Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS240A_07 Datasheet HTML 6Page - Fairchild Semiconductor DM74ALS240A_07 Datasheet HTML 7Page - Fairchild Semiconductor DM74ALS240A_07 Datasheet HTML 8Page - Fairchild Semiconductor DM74ALS240A_07 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
©1986 Fairchild Semiconductor Corporation
www.fairchildsemi.com
DM74ALS240A, DM74ALS241A Rev. 1.3
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Rating
VCC
Supply Voltage
7V
VI
Input Voltage
7V
Voltage Applied to Disabled Output
5.5V
TA
Operating Free Air Temperature Range
0°C to +70°C
TSTG
Storage Temperature Range
–65°C to +150°C
θ
JA
Typical Thermal Resistance
N Package
M Package
60.5°C/W
79.8°C/W
Symbol
Parameter
Min.
Typ.
Max.
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
–15
mA
IOL
LOW Level Output Current
24
mA
TA
Operating Free Air Temperature
0
70
°C


Similar Part No. - DM74ALS240A_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS240AN FAIRCHILD-DM74ALS240AN Datasheet
78Kb / 7P
   Octal 3-STATE Bus Driver
DM74ALS240ASJ FAIRCHILD-DM74ALS240ASJ Datasheet
78Kb / 7P
   Octal 3-STATE Bus Driver
DM74ALS240AWM FAIRCHILD-DM74ALS240AWM Datasheet
78Kb / 7P
   Octal 3-STATE Bus Driver
More results

Similar Description - DM74ALS240A_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS1240A FAIRCHILD-DM74ALS1240A Datasheet
39Kb / 4P
   Octal 3-STATE Bus Driver
DM74ALS244A FAIRCHILD-DM74ALS244A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Driver
DM74ALS240A FAIRCHILD-DM74ALS240A Datasheet
78Kb / 7P
   Octal 3-STATE Bus Driver
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
74HC_HCT245 PHILIPS-74HC_HCT245_15 Datasheet
137Kb / 22P
   Octal bus tranceiver; 3-state
Rev. 03-31 January 2005
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com