Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE2582L-R Datasheet(PDF) 5 Page - SiGe Semiconductor, Inc.

Part # SE2582L-R
Description  RangeCharger??2.4 GHz Power Amplifier with Power Detector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2582L-R Datasheet(HTML) 5 Page - SiGe Semiconductor, Inc.

  SE2582L-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2582L-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2582L-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2582L-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2582L-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2582L-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2582L-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2582L-R Datasheet HTML 8Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SE2582L
RangeCharger™ 2.4 GHz Power Amplifier with Power Detector
212-DST-01 Rev 1.2 Mar-27-2007
Confidential
5 of 8
QA032707
Power Detector
Conditions: VCC = VEN = 3.3 V, f = 2.45 GHz, TA = 25 °C, as measured on SiGe Semiconductor’s SE2582L-EV1
evaluation board, unless otherwise noted
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
PDR
POUT detect range
-
0
-
P1dB
dBm
VDET
Detector voltage
POUT = 20 dBm
-
0.8
-
V
VDET
Detector voltage
POUT = 17.5 dBm
-
0.65
-
V
VDET
Detector voltage
POUT = NO RF
-
0.3
-
V
PDZOUT
Output Impedance
-
250
-
700
PDZLOAD
DC load impedance
-
10
-
-
kΩ
SE2582L Power Detector Characteristic
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
1.60
0123
456789
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
Output Power (dBm)
2.4GHz
2.45 GHz
2.5GHz
Figure 3: SE2582L Power Detector Characteristic over Frequency


Similar Part No. - SE2582L-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SE25-111-0 ETC1-SE25-111-0 Datasheet
99Kb / 2P
   Smart Encoder
SE25-111-1 ETC1-SE25-111-1 Datasheet
99Kb / 2P
   Smart Encoder
SE25-111-2 ETC1-SE25-111-2 Datasheet
99Kb / 2P
   Smart Encoder
SE25-112-0 ETC1-SE25-112-0 Datasheet
99Kb / 2P
   Smart Encoder
SE25-112-1 ETC1-SE25-112-1 Datasheet
99Kb / 2P
   Smart Encoder
More results

Similar Description - SE2582L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2522L SIGE-SE2522L Datasheet
378Kb / 8P
   RangeCharger??2.4 GHz Power Amplifier And Power Detector IC Preliminary Information
PA2423L SIGE-PA2423L_06 Datasheet
200Kb / 10P
   RangeCharger 2.4 GHz Power Amplifier IC
SE2528L SIGE-SE2528L Datasheet
59Kb / 2P
   2.4 GHz Power Amplifier with Power Detector
SE2523BU SIGE-SE2523BU Datasheet
64Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary
SE2598L SIGE-SE2598L Datasheet
77Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2590L SIGE-SE2590L Datasheet
76Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2597L SIGE-SE2597L Datasheet
70Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2527L SIGE-SE2527L Datasheet
59Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2525L SIGE-SE2525L Datasheet
1,000Kb / 12P
   RangeCharger??2.4GHz Power Amplifier with Power Detector Preliminary Information
SE2537L SIGE-SE2537L Datasheet
65Kb / 2P
   5 GHz Power Amplifier with Power Detector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com