Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE2582L-EK1 Datasheet(PDF) 1 Page - SiGe Semiconductor, Inc.

Part # SE2582L-EK1
Description  RangeCharger??2.4 GHz Power Amplifier with Power Detector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2582L-EK1 Datasheet(HTML) 1 Page - SiGe Semiconductor, Inc.

  SE2582L-EK1 Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2582L-EK1 Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2582L-EK1 Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2582L-EK1 Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2582L-EK1 Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2582L-EK1 Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2582L-EK1 Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2582L-EK1 Datasheet HTML 8Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SE2582L
RangeCharger™ 2.4 GHz Power Amplifier with Power Detector
212-DST-01 Rev 1.2 Mar-27-2007
Confidential
1 of 8
QA032707
Applications
DSSS 2.4 GHz WLAN (IEEE802.11b)
OFDM 2.4 GHz WLAN (IEEE802.11g)
Access Points, PCMCIA, PC cards
Features
Single 3.3 V Supply Operation
Integrated matching: Input, Interstage and Output
Integrated power amplifier enable pin (VEN)
Buffered,
temperature
compensated
power
detector
17.5 dBm, EVM = 3 %, 802.11g, OFDM 54 Mbps
Low quiescent current of 48 mA
30 dB Gain
Lead Free and RoHS compliant package
16 pin 3 mm x 3 mm x 0.9 mm QFN
Ordering Information
Part Number
Package
Remark
SE2582L
16 Pin QFN
Samples
SE2582L-R
16 Pin QFN
Tape and Reel
SE2582L-EK1
Evaluation Kit
Standard
Product Description
The SE2582L is a 2.4 GHz power amplifier designed
for use in the 2.4 GHz ISM band for wireless LAN
applications.
The SE2582L is completely integrated including all
RF matching (input, output and interstage) as well as
a high performance power detector for closed loop
monitoring of the output power.
The SE2582L includes a digital enable control for
device on/off control. This functionality allows for a
seamless interface with CMOS transceivers, without
the use of external logic or reference voltages.
The SE2582L temperature compensated power
detector has is highly immune to mismatch at its
output with less than 1.5 dB of variation with a 2:1
mismatch.
The part operates at a low quiescent current making it
ideal for low power applications such as mobile phone
and PDA devices.
Functional Block Diagram
Vcc
Vdet OUT
RFout
RFin
Stage 2
Stage 1
Stage 3
Bias Generator
Detector
VEN
Input
Match
Output
Match
Interstage
Match
Interstage
Match
Figure 1: Functional Block Diagram


Similar Part No. - SE2582L-EK1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SE25-111-0 ETC1-SE25-111-0 Datasheet
99Kb / 2P
   Smart Encoder
SE25-111-1 ETC1-SE25-111-1 Datasheet
99Kb / 2P
   Smart Encoder
SE25-111-2 ETC1-SE25-111-2 Datasheet
99Kb / 2P
   Smart Encoder
SE25-112-0 ETC1-SE25-112-0 Datasheet
99Kb / 2P
   Smart Encoder
SE25-112-1 ETC1-SE25-112-1 Datasheet
99Kb / 2P
   Smart Encoder
More results

Similar Description - SE2582L-EK1

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2522L SIGE-SE2522L Datasheet
378Kb / 8P
   RangeCharger??2.4 GHz Power Amplifier And Power Detector IC Preliminary Information
PA2423L SIGE-PA2423L_06 Datasheet
200Kb / 10P
   RangeCharger 2.4 GHz Power Amplifier IC
SE2528L SIGE-SE2528L Datasheet
59Kb / 2P
   2.4 GHz Power Amplifier with Power Detector
SE2523BU SIGE-SE2523BU Datasheet
64Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary
SE2598L SIGE-SE2598L Datasheet
77Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2590L SIGE-SE2590L Datasheet
76Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2597L SIGE-SE2597L Datasheet
70Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2527L SIGE-SE2527L Datasheet
59Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2525L SIGE-SE2525L Datasheet
1,000Kb / 12P
   RangeCharger??2.4GHz Power Amplifier with Power Detector Preliminary Information
SE2537L SIGE-SE2537L Datasheet
65Kb / 2P
   5 GHz Power Amplifier with Power Detector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com