Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TORX177PL Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TORX177PL
Description  FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO INTERFACE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TORX177PL Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TORX177PL Datasheet HTML 1Page - Toshiba Semiconductor TORX177PL Datasheet HTML 2Page - Toshiba Semiconductor TORX177PL Datasheet HTML 3Page - Toshiba Semiconductor TORX177PL Datasheet HTML 4Page - Toshiba Semiconductor TORX177PL Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TORX177PL(F,T)
2006-12-28
4
(6)
Attaching the fiber optic receiving module
Solder the fixed pins (pins 4 and 5) of the fiber optic receiving module TORX177PL(F,T) to the printed
circuit board in order to fix it to the board.
(7)
Solvent
When using solvent for flux removal, do not use a high acid or high alkali solvent. Be careful not to
pour solvent in to the optical connector ports. If solvent is inadvertently poured in to them, clean it off
using cotton tips.
(8)
Supply voltage
Use the supply voltage within the recommended operating condition (VCC = 5 ± 0.25 V). Make sure
that supply voltage does not exceed the maximum rating value of 6 V, even for an instant.
(9)
Interface
The TORX177PL(F,T) has a TTL interface. It can be interfaced with any TTL−compatible C−MOS IC.
(10) Output
If the receiver output is at low and is connected to the power supply, or if the output is high and is
connected to GND, the internal IC may be destroyed.
(11) Soldering condition
Solder at 260°C or less for no more than ten seconds.
(12) Case(receptacle) material
The case is made of polycarbonate. Polycarbonate is usually stable with acid, alcohol, and
aliphatic hydrocarbons however, with petrochemicals (such as benzene, toluene, and acetone),
alkali, aromatic hydrocarbons, or chloric hydrocarbons, polycarbonate becomes cracked, swollen,
or melted. Please take care when choosing a packaging material by referencing the table below.
Chemicals to avoid with polycarbonate〉
PHENOMENON
CHEMICALS
A
Little deterioration
But staining
nitric acid(low concentration) , hydrogen peroxide, chlorine
B
Cracked crazed,
or Swollen
acetic acid(70% or more)
gasoline
methyl isobutyl ketone, ethyl acetate, butyl acetate
methyl methacrylate, ethyl ether, MEK
acetone, m-amino alcohol, carbon tetrachloride
carbon disulfide, trichloroethylene, cresol
thinners, oil of turpentine
triethanolamine
C
Melted
used as solvent
concentrated sulfuric acid
benzene
styrene, acrylonitrile, vinyl acetate
ethylenediamine, diethylenediamine
{chloroform, methyl chloride, tetrachloromethane, dioxane}
{1,2-dichloroethane}
D
Decomposed
ammonia water
other alkali
(13) Precautions when disposing of devices and packing materials.
When disposing devices and packing materials, follow the procedures stipulated by local regulations
in order to protect the environment against contamination.
(14) Precautions during use
Toshiba is continually working to improve the quality and the reliability of their products.
Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical
sensitivity and their vulnerability to physical stress. It is the responsibility of the buyer, when
utilizing Toshiba products, to observe standards of safety, and to avoid situations in which the
malfunction or failure of a Toshiba product could cause loss of human life, bodily injury or damage to
property.
When developing equipment, please ensure that Toshiba products are used within the specified
operating ranges set forth in the most recent product specifications. Also, please keep in mind the
precautions and conditions set forth in the Toshiba Semiconductor Reliability Handbook.


Similar Part No. - TORX177PL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TORX177 TOSHIBA-TORX177 Datasheet
259Kb / 5P
   FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO INTERFACE
TORX177L TOSHIBA-TORX177L Datasheet
332Kb / 6P
   FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO INTERFACE
More results

Similar Description - TORX177PL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TORX177 TOSHIBA-TORX177 Datasheet
259Kb / 5P
   FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO INTERFACE
TORX179 TOSHIBA-TORX179 Datasheet
113Kb / 5P
   FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO INTERFACE
TORX147PL TOSHIBA-TORX147PL Datasheet
228Kb / 5P
   FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO INTERFACE
TORX177L TOSHIBA-TORX177L Datasheet
332Kb / 6P
   FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO INTERFACE
TORX176 TOSHIBA-TORX176 Datasheet
136Kb / 7P
   FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO EQUIPMENT
TORX173F TOSHIBA-TORX173F Datasheet
137Kb / 7P
   FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO EQUIPMENT
TORX141P TOSHIBA-TORX141P Datasheet
149Kb / 5P
   FIBER OPTIC RECEIVING MODULE
TORX170 TOSHIBA-TORX170 Datasheet
167Kb / 9P
   FIBER OPTIC RECEIVING MODULE
logo
KODENSHI_AUK CORP.
KFO-RX16CA KODENSHI-KFO-RX16CA Datasheet
197Kb / 1P
   Fiber Optic Receiving Module
KFO-RX16CB KODENSHI-KFO-RX16CB Datasheet
199Kb / 1P
   Fiber Optic Receiving Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com