Electronic Components Datasheet Search |
|
SN75LVDS32 Datasheet(PDF) 6 Page - Texas Instruments |
|
SN75LVDS32 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 19 page SN75LVDS32, SN75LVDS9637 HIGH-SPEED DIFFERENTIAL LINE RECEIVERS SLLS360B – JUNE 1999 – REVISED JUNE 2001 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 SN75LVDSxxxx electrical characteristics over recommended operating conditions (unless otherwise noted) PARAMETER TEST CONDITIONS SN75LVDS32, SN75LVDS9637 UNIT MIN TYP† MAX VITH+ Positive-going differential input voltage threshold See Figure 2 and Table 1 100 mV VITH– Negative-going differential input voltage threshold‡ See Figure 2 and Table 1 –100 mV VOH High-level output voltage IOH = –8 mA 2.4 V VOL Low-level output voltage IOL = 8 mA 0.4 V SN75LVDS32 Enabled, No load 10 18 ICC Supply current SN75LVDS32 Disabled 0.25 0.5 mA SN75LVDS9637 No load 5.5 10 II Input current (A or B inputs) VI = 0 –2 –10 –20 µA II Input current (A or B inputs) VI = 2.4 V – 1.2 –3 µA II(OFF) Power-off input current (A or B inputs) VCC = 0, VI = 3.6 V 6 20 µA IIH High-level input current (G, or G inputs) VIH = 2 V 10 µA IIL Low-level input current (G, or G inputs) VIL = 0.8 V 10 µA IOZ High-impedance output current VO = 0 or VCC ±10 µA † All typical values are at TA = 25°C and with VCC = 3.3 V. ‡ The algebraic convention, in which the less positive (more negative) limit is designated minimum, is used in this data sheet for the negative-going differential input voltage threshold only. SN75LVDSxxxx switching characteristics over recommended operating conditions (unless otherwise noted) PARAMETER TEST CONDITIONS SN75LVDS32, SN75LVDS9637 UNIT MIN TYP† MAX tpLH Propagation delay time, low-to-high-level output 2.1 6 ns tpHL Propagation delay time, high-to-low-level output 2.1 6 ns tsk(p) Pulse skew (|tPHL – tPLH|) 0.6 1.5 ns tsk(o) Channel-to-channel output skew† CL = 100 pF, See Figure 3 0.7 1.5 ns tsk(pp) Part-to-part skew‡ 0.6 ns tr Output signal rise time, 20% to 80% 0.6 ns tf Output signal fall time, 80% to 20% 1 ns tpHZ Propagation delay time, high-level-to-high-impedance output 25 ns tpLZ Propagation delay time, low-level-to-high-impedance output See Figure 4 25 ns tpZH Propagation delay time, high-impedance-to-high-level output See Figure 4 25 ns tpZL Propagation delay time, high-impedance-to-low-level output 25 ns † All typical values are at 25 °C and with a 3.3-V supply. ‡ tsk(p) is the magnitude of the time difference between the high-to-low and low-to-high propagation delay times at an output § tsk(o) is the magnitude of the time difference between the outputs of a single device with all of their inputs connected together. ¶ tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices operate with the same supply voltages, same temperature, and have identical packages and test circuits. |
Similar Part No. - SN75LVDS32_07 |
|
Similar Description - SN75LVDS32_07 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |