Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LVDS32DR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVDS32DR
Description  HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDS32DR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN75LVDS32DR Datasheet HTML 6Page - Texas Instruments SN75LVDS32DR Datasheet HTML 7Page - Texas Instruments SN75LVDS32DR Datasheet HTML 8Page - Texas Instruments SN75LVDS32DR Datasheet HTML 9Page - Texas Instruments SN75LVDS32DR Datasheet HTML 10Page - Texas Instruments SN75LVDS32DR Datasheet HTML 11Page - Texas Instruments SN75LVDS32DR Datasheet HTML 12Page - Texas Instruments SN75LVDS32DR Datasheet HTML 13Page - Texas Instruments SN75LVDS32DR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
SN75LVDS32, SN75LVDS9637
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SLLS360B – JUNE 1999 – REVISED JUNE 2001
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
using an LVDS receiver with RS-422 data
Receipt of data from a TIA/EIA-422 line driver may be accomplished using a TIA/EIA-644 line receiver with the
addition of an attenuator circuit. This technique gives the user a very high-speed and low-power 422 receiver.
If the ground noise between the transmitter and receiver is not a concern (less than
±1 V), the answer can be
as simple as shown below in Figure 5. The use of a resistor divider circuit in front of the LVDS receiver attenuates
the 422 differential signal to LVDS levels.
The resistors present a total differential load of 100
Ω to match the characteristic impedance of the transmission
line and to reduce the signal 10:1. The maximum 422 differential output signal or 6 V is reduced to 600 mV. The
high input impedance of the LVDS receiver prevents input bias offsets and maintains a better than 200-mV
differential input voltage threshold at the inputs to the divider. This circuit is used in front of each LVDS channel
that also receives 422 signals.
R1
45.3
R2
45.3
R3
5.11
R4
5.11
A
B
Y
’LVDS32
NOTE A: The components used were standard values.
R1, R2 = NRC12F45R3TR, NIC Components, 45.3 Ohm, 1/8W, 1%, 1206 Package
R3, R4 = NRC12F5R11TR, NIC Components, 5.11 Ohm, 1/8W, 1%, 1206 Package
The resistor values do not need to be 1% tolerance. However, it can be difficult locating a supplier of resistors having values less than
100
Ω in stock and readily available. The user may find other suppliers with comparable parts having tolerances of 5% or even 10%.
These parts are adequate for use in this circuit.
Figure 5. RS-422 Data Input to an LVDS Receiver Under Low Ground Noise Conditions
If ground noise between the RS-422 driver and LVDS receiver is a concern, then the common-mode voltage
must be attenuated. The circuit must then be modified to connect the node between R3 and R4 to the LVDS
receiver ground. This modification to the circuit increases the common-mode voltage from
±1 V to greater than
±4.5 V.


Similar Part No. - SN75LVDS32DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS32D TI-SN75LVDS32D Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN75LVDS32DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS388 TI-SN65LVDS388 Datasheet
204Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
916Kb / 37P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com