Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LVDS9637DR Datasheet(PDF) 11 Page - Texas Instruments

Part # SN75LVDS9637DR
Description  HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDS9637DR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN75LVDS9637DR Datasheet HTML 7Page - Texas Instruments SN75LVDS9637DR Datasheet HTML 8Page - Texas Instruments SN75LVDS9637DR Datasheet HTML 9Page - Texas Instruments SN75LVDS9637DR Datasheet HTML 10Page - Texas Instruments SN75LVDS9637DR Datasheet HTML 11Page - Texas Instruments SN75LVDS9637DR Datasheet HTML 12Page - Texas Instruments SN75LVDS9637DR Datasheet HTML 13Page - Texas Instruments SN75LVDS9637DR Datasheet HTML 14Page - Texas Instruments SN75LVDS9637DR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
SN75LVDS32, SN75LVDS9637
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SLLS360B – JUNE 1999 – REVISED JUNE 2001
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATIONS INFORMATION
The devices are generally used as building blocks for high-speed point-to-point data transmission where ground
differences are less than 1 V. Devices can interoperate with RS-422, PECL, and IEEE-P1596. Drivers/receivers
approach ECL speeds without the power and dual supply requirements.
10
1
0.1
100
Signaling Rate – Mbps
TRANSMISSION DISTANCE
vs
SIGNALING RATE
10
100
1000
5% Jitter
(see Note A)
30% Jitter
(see Note A)
24 AWG UTP 96
(PVC Dielectric)
NOTE A: This parameter is the percentage of distortion of the unit interval (UI) with a pseudorandom data pattern.
Figure 6. Typical Transmission Distance vs Signaling Rate
1B
1A
1Y
G
2Y
2A
2B
GND
VCC
4B
4A
4Y
G
3Y
3A
3B
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
100
100
100
(see Note B)
100
3.3 V
0.1
µF
(see Note A)
0.001
µF
(see Note A)
VCC
See Note C
NOTES: A. Place a 0.1
µF and a 0.001 µF Z5U ceramic, mica or polystyrene dielectric, 0805 size, chip capacitor between VCC and the ground
plane. The capacitors should be located as close as possible to the device terminals.
B. The termination resistance value should match the nominal characteristic impedance of the transmission media with
±10%.
C. Unused enable inputs should be tied to VCC or GND as appropriate.
Figure 7. Typical Application Circuit Schematic


Similar Part No. - SN75LVDS9637DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS9637D TI-SN75LVDS9637D Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN75LVDS9637DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS388 TI-SN65LVDS388 Datasheet
204Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
916Kb / 37P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com