Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5972D Datasheet(PDF) 7 Page - STMicroelectronics

Part # A5972D
Description  2A switch step down switching regulator for automotive applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5972D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button A5972D Datasheet HTML 3Page - STMicroelectronics A5972D Datasheet HTML 4Page - STMicroelectronics A5972D Datasheet HTML 5Page - STMicroelectronics A5972D Datasheet HTML 6Page - STMicroelectronics A5972D Datasheet HTML 7Page - STMicroelectronics A5972D Datasheet HTML 8Page - STMicroelectronics A5972D Datasheet HTML 9Page - STMicroelectronics A5972D Datasheet HTML 10Page - STMicroelectronics A5972D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
A5972D
7/12
Figure 9.
Junction temperature vs
output current
Figure 10.
Efficiency vs. output current
Figure 11.
Efficiency vs output current


Similar Part No. - A5972D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A5972D STMICROELECTRONICS-A5972D Datasheet
640Kb / 11P
   Up to 1.5 A step down switching regulator for automotive applications
A5972D STMICROELECTRONICS-A5972D Datasheet
641Kb / 11P
   Up to 1.5 A step down switching regulator for automotive applications
A5972D STMICROELECTRONICS-A5972D_08 Datasheet
640Kb / 11P
   Up to 1.5 A step down switching regulator for automotive applications
A5972D_0808 STMICROELECTRONICS-A5972D_0808 Datasheet
641Kb / 11P
   Up to 1.5 A step down switching regulator for automotive applications
More results

Similar Description - A5972D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A5973D STMICROELECTRONICS-A5973D Datasheet
826Kb / 13P
   2.5A switch step down switching regulator for automotive applications
A5970D STMICROELECTRONICS-A5970D Datasheet
250Kb / 13P
   1.5A switch step down switching regulator for automotive applications
logo
Anpec Electronics Corop...
APW1173 ANPEC-APW1173 Datasheet
444Kb / 21P
   2A SWITCH STEP DOWN SWITCHING REGULATOR
logo
STMicroelectronics
L5973AD STMICROELECTRONICS-L5973AD Datasheet
185Kb / 14P
   2A SWITCH STEP DOWN SWITCHING REGULATOR
L5972D STMICROELECTRONICS-L5972D Datasheet
173Kb / 10P
   2A SWITCH STEP DOWN SWITCHING REGULATOR
L5973AD STMICROELECTRONICS-L5973AD_07 Datasheet
488Kb / 21P
   2A switch step down switching regulator
L5972D_0710 STMICROELECTRONICS-L5972D_0710 Datasheet
237Kb / 15P
   2A switch step down switching regulator
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
   2A STEP DOWN SWITCHING REGULATOR
L5985 STMICROELECTRONICS-L5985 Datasheet
955Kb / 36P
   2A step-down switching regulator
L4978 STMICROELECTRONICS-L4978 Datasheet
135Kb / 12P
   2A STEP DOWN SWITCHING REGULATOR
May 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com