Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5973D013TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # A5973D013TR
Description  2.5A switch step down switching regulator for automotive applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5973D013TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button A5973D013TR Datasheet HTML 5Page - STMicroelectronics A5973D013TR Datasheet HTML 6Page - STMicroelectronics A5973D013TR Datasheet HTML 7Page - STMicroelectronics A5973D013TR Datasheet HTML 8Page - STMicroelectronics A5973D013TR Datasheet HTML 9Page - STMicroelectronics A5973D013TR Datasheet HTML 10Page - STMicroelectronics A5973D013TR Datasheet HTML 11Page - STMicroelectronics A5973D013TR Datasheet HTML 12Page - STMicroelectronics A5973D013TR Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
A5973D
Order codes
11/14
6
Order codes
Table 6.
Order code
Order code
Package
Packing
A5973D
HSOP8
Tube
A5973D013TR
Tape and reel


Similar Part No. - A5973D013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A5973D STMICROELECTRONICS-A5973D Datasheet
787Kb / 12P
   Up to 2 A step down switching regulator for automotive applications
A5973D STMICROELECTRONICS-A5973D Datasheet
779Kb / 12P
   Up to 2 A step down switching regulator for automotive applications
A5973D STMICROELECTRONICS-A5973D_08 Datasheet
787Kb / 12P
   Up to 2 A step down switching regulator for automotive applications
A5973D_0808 STMICROELECTRONICS-A5973D_0808 Datasheet
779Kb / 12P
   Up to 2 A step down switching regulator for automotive applications
More results

Similar Description - A5973D013TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW1172 ANPEC-APW1172 Datasheet
444Kb / 21P
   2.5A SWITCH STEP DOWN SWITCHING REGULATOR
logo
STMicroelectronics
L5973D STMICROELECTRONICS-L5973D Datasheet
130Kb / 10P
   2.5A SWITCH STEP DOWN SWITCHING REGULATOR
A5972D STMICROELECTRONICS-A5972D Datasheet
697Kb / 12P
   2A switch step down switching regulator for automotive applications
A5970D STMICROELECTRONICS-A5970D Datasheet
250Kb / 13P
   1.5A switch step down switching regulator for automotive applications
logo
Shenzhen Huazhimei Semi...
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
   30V,2.5A Step-Down Switching Regulator
logo
Unisonic Technologies
P1583 UTC-P1583 Datasheet
187Kb / 5P
   380KHz, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
National Semiconductor ...
LM25005 NSC-LM25005_06 Datasheet
414Kb / 22P
   42V, 2.5A Step-Down Switching Regulator
LM25005 NSC-LM25005 Datasheet
760Kb / 21P
   42V, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
Unisonic Technologies
P1580 UTC-P1580 Datasheet
283Kb / 6P
   380KHz, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
STMicroelectronics
B5973D STMICROELECTRONICS-B5973D Datasheet
781Kb / 12P
   2 A step down switching regulator for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com