Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX23C3210 Datasheet(PDF) 6 Page - Macronix International

Part # MX23C3210
Description  32M-BIT MASK ROM (8/16-BIT OUTPUT)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23C3210 Datasheet(HTML) 6 Page - Macronix International

  MX23C3210_99 Datasheet HTML 1Page - Macronix International MX23C3210_99 Datasheet HTML 2Page - Macronix International MX23C3210_99 Datasheet HTML 3Page - Macronix International MX23C3210_99 Datasheet HTML 4Page - Macronix International MX23C3210_99 Datasheet HTML 5Page - Macronix International MX23C3210_99 Datasheet HTML 6Page - Macronix International MX23C3210_99 Datasheet HTML 7Page - Macronix International MX23C3210_99 Datasheet HTML 8Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
P/N:PM0247
REV. 2.8, FEB. 01, 1999
MX23C3210
ITEM
MILLIMETERS
INCHES
A
20.0 ± .20
.787 ± .008
B
18.40 ± .10
.724 ± .004
C
12.20 max.
.480 max.
D
0.15 [Typ.]
.006 [Typ.]
E
.80 [Typ.]
.031 [Typ.]
F
.20 ± .10
.008 ±.004
G
.30 ± .10
.012 ± .004
H
.50 [Typ.]
.020 [Typ.]
I
.45 max.
.018 max.
J
0 ~ .20
0 ~ .008
K
1.00 ± .10
.039 ± .004
L
1.27 max.
.050 max.
M
.50
.020
N
0 ~ 5°
.500
NOTE:
Each lead centerline is located within
.25 mm[.01 inch] of its true position [TP]
at maximum material condition.
48-PIN PLASTIC TSOP
A
B
C
D
E
F
G
H
I
J
KL
M
N
INDEX


Similar Part No. - MX23C3210_99

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C3210MC-10 MCNIX-MX23C3210MC-10 Datasheet
770Kb / 11P
   5 Volt 32-Mbit (4M x 8 / 2M x 16) Mask ROM
MX23C3210MC-10G MCNIX-MX23C3210MC-10G Datasheet
770Kb / 11P
   5 Volt 32-Mbit (4M x 8 / 2M x 16) Mask ROM
MX23C3210MC-12 MCNIX-MX23C3210MC-12 Datasheet
770Kb / 11P
   5 Volt 32-Mbit (4M x 8 / 2M x 16) Mask ROM
MX23C3210MC-12G MCNIX-MX23C3210MC-12G Datasheet
770Kb / 11P
   5 Volt 32-Mbit (4M x 8 / 2M x 16) Mask ROM
MX23C3210MC-15 MCNIX-MX23C3210MC-15 Datasheet
770Kb / 11P
   5 Volt 32-Mbit (4M x 8 / 2M x 16) Mask ROM
More results

Similar Description - MX23C3210_99

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L3211 MCNIX-MX23L3211 Datasheet
488Kb / 10P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
MX23L3222 MCNIX-MX23L3222 Datasheet
37Kb / 6P
   32M-BIT MASK ROM (16/32 BIT OUTPUT)
MX23L3213 MCNIX-MX23L3213 Datasheet
181Kb / 6P
   32M-BIT MASK ROM
logo
Generalplus Technology ...
GPR23L3200E GENERALPLUS-GPR23L3200E Datasheet
238Kb / 10P
   32M-BIT MASK ROM
logo
SONiX Technology Compan...
SNR032 SONIX-SNR032 Datasheet
250Kb / 10P
   32M-bit Mask ROM
logo
Macronix International
MX23L3212 MCNIX-MX23L3212 Datasheet
156Kb / 6P
   32M-BIT MASK ROM
MX23L3216 MCNIX-MX23L3216 Datasheet
39Kb / 5P
   32M-BIT MASK ROM
MX23L3214 MCNIX-MX23L3214 Datasheet
435Kb / 9P
   32M-BIT MASK ROM
MX23C8100 MCNIX-MX23C8100 Datasheet
731Kb / 9P
   8M-BIT MASK ROM (8/16 BIT OUTPUT)
MX23L8111 MCNIX-MX23L8111 Datasheet
772Kb / 11P
   8M-BIT MASK ROM(8/16 BIT OUTPUT)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com