Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUF01901AIDRCR Datasheet(PDF) 7 Page - Texas Instruments

Part # BUF01901AIDRCR
Description  Programmable Voltage Source with Memory
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF01901AIDRCR Datasheet(HTML) 7 Page - Texas Instruments

Back Button BUF01901AIDRCR Datasheet HTML 3Page - Texas Instruments BUF01901AIDRCR Datasheet HTML 4Page - Texas Instruments BUF01901AIDRCR Datasheet HTML 5Page - Texas Instruments BUF01901AIDRCR Datasheet HTML 6Page - Texas Instruments BUF01901AIDRCR Datasheet HTML 7Page - Texas Instruments BUF01901AIDRCR Datasheet HTML 8Page - Texas Instruments BUF01901AIDRCR Datasheet HTML 9Page - Texas Instruments BUF01901AIDRCR Datasheet HTML 10Page - Texas Instruments BUF01901AIDRCR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
BUF01900
BUF01901
SBOS337A − OCTOBER 2006 − REVISED OCTOBER 2006
www.ti.com
7
APPLICATIONS INFORMATION
OVERVIEW
The BUF0190x family of products consists of a 10-bit digi-
tal-to-analog converter (DAC) that is programmed through
an industry-standard two-wire interface. It contains on-
chip nonvolatile memory that stores a specific DAC value
that is read at power-up. The BUF0190x family consists of
two devices: The BUF01900 contains a voltage buffer that
is capable of driving high-current; the BUF01901 is a low-
er-cost version without the buffer. The BUF0190x is espe-
cially well-suited for VCOM calibration in LCD panels; how-
ever, it can also be used in many other applications.
Figure 14 shows the BUF01900 in a typical configuration.
BUF01900: ON-CHIP BUFFER
Unlike many programmable VCOM calibrators on the mar-
ket, the BUF01900 offers an integrated VCOM buffer with
high current output drive capability. The output is capable
of delivering peak currents over 100mA to within 4V from
the positive supply and to within 2V from the negative sup-
ply. Using this option is very cost-effective and convenient
in systems that do not use multi-channel gamma buffers
with
integrated
VCOM drive. Figure 15 shows the
BUF01900 in a typical configuration.
(1)
Timing
Controller
0.1
µF
0.1
µF
V
S
V
SD
V
COM
(2)
(2)
V
S
10
µF
10k
10k
+
1
2
3
4
8
7
6
5
SDA
SCL
A
0
V
SD
V
S
V
COM
V
BIAS
GND
(1) Optional −may be needed for stability.
(2) Optional −see application text for component selection.
BUF01900
NOTES:
Figure 14. Typical Application Diagram
BIAS
250k
Analog
7V to 18V
R
1
R
2
Digital
2V to 5.5V
SDA
Input Control Logic
SCL
A0
10−Bit
DAC
4x OTP
ROM
Switch
Control
Voltage
Regulator
BUF01900
V
COM
Buffer
V
COM
Panel
Figure 15. BUF01900 Typical Configuration


Similar Part No. - BUF01901AIDRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF01900 TI1-BUF01900 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF01900 TI1-BUF01900 Datasheet
1Mb / 32P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF01900 TI1-BUF01900 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM
BUF01900 TI1-BUF01900 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator
More results

Similar Description - BUF01901AIDRCR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PNX8526 PHILIPS-PNX8526 Datasheet
3Mb / 59P
   Programmable source decoder with integrated peripherals
Rev. 01-6 October 2003
logo
Microsemi Corporation
SG55327 MICROSEMI-SG55327 Datasheet
32Kb / 3P
   QUAD SOURCE MEMORY DRIVER
logo
Integrated Circuit Syst...
ICS307-01 ICST-ICS307-01 Datasheet
200Kb / 9P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
logo
B&K Precision Corporati...
9830B BK-9830B Datasheet
3Mb / 7P
   Programmable AC Power Source
9830 BK-9830 Datasheet
2Mb / 5P
   Programmable AC Power Source
logo
Renesas Technology Corp
ICS307-02 RENESAS-ICS307-02 Datasheet
247Kb / 11P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
091511
logo
Integrated Circuit Syst...
ICS307-03 ICST-ICS307-03 Datasheet
347Kb / 12P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
logo
Integrated Device Techn...
ICS307-03 IDT-ICS307-03 Datasheet
153Kb / 14P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
logo
Integrated Circuit Syst...
ICS307 ICST-ICS307 Datasheet
107Kb / 8P
   Serially Programmable Clock Source
logo
Renesas Technology Corp
IDT6V40277 RENESAS-IDT6V40277 Datasheet
315Kb / 12P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
041813
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com