Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP91FY28 Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TMP91FY28
Description  Original CMOS 16-Bit Microcontroller
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP91FY28 Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TMP91FY28 Datasheet HTML 6Page - Toshiba Semiconductor TMP91FY28 Datasheet HTML 7Page - Toshiba Semiconductor TMP91FY28 Datasheet HTML 8Page - Toshiba Semiconductor TMP91FY28 Datasheet HTML 9Page - Toshiba Semiconductor TMP91FY28 Datasheet HTML 10Page - Toshiba Semiconductor TMP91FY28 Datasheet HTML 11Page - Toshiba Semiconductor TMP91FY28 Datasheet HTML 12Page - Toshiba Semiconductor TMP91FY28 Datasheet HTML 13Page - Toshiba Semiconductor TMP91FY28 Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
TMP91FY28
2004-02-12
91FY28-8
Under development
Table 2.2.4 Pin Names and Functions (4/4)
Pin name
Number
of Pins
I/O
Function
P94
RXD
1
I/O
Input
Port 94: Programmable as input or output
Serial receive data
P95
SCLK
CTS
1
I/O
I/O
Input
Port 95: Programmable as input or output
Serial clock input/output
Serial clear-to-send
P96
1
I/O Port96: Programmable as input or output
PA0 to PA3
INT1 to INT4
4
I/O
Input
Ports A0 to A3: Individually programmable as input or output (with internal
pull-up resistor)
Interrupt request 1 to 4: Individually programmable to be rising-edge or
falling-edge sensitive
PA4 to PA7
4
I/O Port A4 to A7: Programmable as input or output (with internal pull-up resistor)
WAKE
1
Output STOP mode monitor output
This pin drives low when the CPU is operating; the pin is in high-impedance
state during reset or in STOP mode.
ALE
1
Output Address latch enable (This pin can be disabled in order to reduce noise.)
NMI
1
Input Non maskable interrupt request: Causes an NMI interrupt on the falling edge.
Programmable to be rising-edge sensitive.
AM0 to AM1
2
Input Both AM0 and AM1 should be held at logic 1.
EMU0
1
Output Test pin. This pin should be left open.
EMU1
1
Output Test pin. This pin should be left open.
RESET
1
Input Reset (with internal pull-up resistor): Initializes the whole TMP91FY28.
VREFH
1
Input Input pin for high reference voltage for the AD converter.
VREFL
1
Input Input pin for low reference voltage for the AD converter.
AVCC
1
Power supply pin for the AD converter.
AVSS
1
Ground pin for the AD converter.
X1/X2
2
I/O Connection pins for an oscillator crystal
DVCC
DVSS
3
3
Power supply pins. The DVCC pins should be connected to power supply.
Ground pins. The DVSS pins should be connected to ground.
Note:
All pins that have built-in pull-up resistors (Other than the RESET pin) can be disconnected from the
built-in pull-up resistor by software.


Similar Part No. - TMP91FY28

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP91FY22F TOSHIBA-TMP91FY22F Datasheet
390Kb / 48P
   Quality And Reliability Assurance / Handling Precautions
More results

Similar Description - TMP91FY28

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP91FY42FG TOSHIBA-TMP91FY42FG Datasheet
2Mb / 332P
   Original CMOS 16-Bit Microcontroller
TMP92C820FG TOSHIBA-TMP92C820FG Datasheet
2Mb / 382P
   Original CMOS 16-Bit Microcontroller
TMP91C829 TOSHIBA-TMP91C829 Datasheet
1Mb / 204P
   Original CMOS 16-Bit Microcontroller
TMP91CW12A TOSHIBA-TMP91CW12A Datasheet
357Kb / 28P
   Original CMOS 16-Bit Microcontroller
TMP91CY22IFG TOSHIBA-TMP91CY22IFG Datasheet
340Kb / 24P
   Original CMOS 16-Bit Microcontroller
TMP91C025FG TOSHIBA-TMP91C025FG Datasheet
1Mb / 260P
   Original CMOS 16-Bit Microcontroller
TMP91CW28 TOSHIBA-TMP91CW28 Datasheet
2Mb / 286P
   Original CMOS 16-Bit Microcontroller
TMP91C820A TOSHIBA-TMP91C820A Datasheet
2Mb / 360P
   Original CMOS 16-Bit Microcontroller
TMP91CP27 TOSHIBA-TMP91CP27 Datasheet
1Mb / 246P
   Original CMOS 16-Bit Microcontroller
TMP91CY28 TOSHIBA-TMP91CY28 Datasheet
189Kb / 22P
   Original CMOS 16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com