Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP91FY42FG Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TMP91FY42FG
Description  Original CMOS 16-Bit Microcontroller
Download  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP91FY42FG Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TMP91FY42FG Datasheet HTML 6Page - Toshiba Semiconductor TMP91FY42FG Datasheet HTML 7Page - Toshiba Semiconductor TMP91FY42FG Datasheet HTML 8Page - Toshiba Semiconductor TMP91FY42FG Datasheet HTML 9Page - Toshiba Semiconductor TMP91FY42FG Datasheet HTML 10Page - Toshiba Semiconductor TMP91FY42FG Datasheet HTML 11Page - Toshiba Semiconductor TMP91FY42FG Datasheet HTML 12Page - Toshiba Semiconductor TMP91FY42FG Datasheet HTML 13Page - Toshiba Semiconductor TMP91FY42FG Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 332 page
background image
TMP91FY42
91FY42-8
2006-11-08
3.
Operation
This following describes block by block the functions and operation of the TMP91FY42.
Notes and restrictions for eatch book are outlined in 7 “Points of Note and Restrictions” at the
end of this manual.
3.1
CPU
The TMP91FY42 incorporates a high-performance 16-bit CPU (The 900/L1 CPU). For CPU
operation, see the “TLCS-900/L1 CPU”.
The following describe the unique function of the CPU used in the TMP91FY42; these
functions are not covered in the TLCS-900/L1 CPU section.
3.1.1
Reset
When resetting the TMP91FY42 microcontroller, ensure that the power supply voltage is
within the operating voltage range, and that the internal high-frequency oscillator has
stabilized. Then hold the RESET input to low level for at least 10 system clocks (12
μs at
27MHz).
Thus, when turn on the switch, be set to the power supply voltage is within the operating
voltage range, and that the internal high-frequency oscillator has stabilized. Then hold the
RESET
input to low level at least for 10 system clocks.
Clock gear is initialized 1/16 mode by reset operation. It means that the system clock
mode fSYS is set to fc/32 (= fc/16 × 1/2).
When the reset is accept, the CPU:
Sets as follows the program counter (PC) in accordance with the reset vector stored
at address FFFF00H to FFFF02H:
PC<7:0>
← Value at FFFF00H address
PC<15:8>
← Value at FFFF01H address
PC<23:16>
← Value at FFFF02H address
Sets the stack pointer (XSP) to 100H.
Sets bits <IFF2:0> of the status register (SR) to 111 (Sets the interrupt level mark
register to level 7).
Sets the <MAX> bit of the status register to 1 (MAX mode).
(Note: As this product does not support MIN mode, do not write a 0 to the <MAX>.)
Clears bits <RFP2:0> of the status register to 000 (Sets the register bank to 0).
When reset is released,the CPU starts executing instructions in accordance with the
program counter settings. CPU internal registers not mentioned above do not change
when the reset is released.
When the reset is accepted, the CPU sets internal I/O, ports, and other pins as
follows.
Initializes the internal I/O registers.
Sets the port pins, including the pins that also act as internal I/O, to
general-purpose input or output port mode.
Sets ALE pin to “High-Z"
Note:
The CPU internal register (except to PC, SR, XSP) and internal RAM data do not
change by resetting.
Figure 3.1.1 is a reset timing of the TMP91FY42.


Similar Part No. - TMP91FY42FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP91FY12AF TOSHIBA-TMP91FY12AF Datasheet
390Kb / 48P
   Quality And Reliability Assurance / Handling Precautions
TMP91FY22F TOSHIBA-TMP91FY22F Datasheet
390Kb / 48P
   Quality And Reliability Assurance / Handling Precautions
TMP91FY28 TOSHIBA-TMP91FY28 Datasheet
441Kb / 60P
   Original CMOS 16-Bit Microcontroller
More results

Similar Description - TMP91FY42FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP92C820FG TOSHIBA-TMP92C820FG Datasheet
2Mb / 382P
   Original CMOS 16-Bit Microcontroller
TMP91C829 TOSHIBA-TMP91C829 Datasheet
1Mb / 204P
   Original CMOS 16-Bit Microcontroller
TMP91CW12A TOSHIBA-TMP91CW12A Datasheet
357Kb / 28P
   Original CMOS 16-Bit Microcontroller
TMP91CY22IFG TOSHIBA-TMP91CY22IFG Datasheet
340Kb / 24P
   Original CMOS 16-Bit Microcontroller
TMP91FY28 TOSHIBA-TMP91FY28 Datasheet
441Kb / 60P
   Original CMOS 16-Bit Microcontroller
TMP91C025FG TOSHIBA-TMP91C025FG Datasheet
1Mb / 260P
   Original CMOS 16-Bit Microcontroller
TMP91CW28 TOSHIBA-TMP91CW28 Datasheet
2Mb / 286P
   Original CMOS 16-Bit Microcontroller
TMP91C820A TOSHIBA-TMP91C820A Datasheet
2Mb / 360P
   Original CMOS 16-Bit Microcontroller
TMP91CP27 TOSHIBA-TMP91CP27 Datasheet
1Mb / 246P
   Original CMOS 16-Bit Microcontroller
TMP91CY28 TOSHIBA-TMP91CY28 Datasheet
189Kb / 22P
   Original CMOS 16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com