Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3453E-40T6T Datasheet(PDF) 9 Page - STMicroelectronics

Part # UPSD3453E-40T6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
Download  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3453E-40T6T Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UPSD3453E-40T6T Datasheet HTML 5Page - STMicroelectronics UPSD3453E-40T6T Datasheet HTML 6Page - STMicroelectronics UPSD3453E-40T6T Datasheet HTML 7Page - STMicroelectronics UPSD3453E-40T6T Datasheet HTML 8Page - STMicroelectronics UPSD3453E-40T6T Datasheet HTML 9Page - STMicroelectronics UPSD3453E-40T6T Datasheet HTML 10Page - STMicroelectronics UPSD3453E-40T6T Datasheet HTML 11Page - STMicroelectronics UPSD3453E-40T6T Datasheet HTML 12Page - STMicroelectronics UPSD3453E-40T6T Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 293 page
background image
uPSD34xx
Summary description
9/293
1
Summary description
The Turbo Plus uPSD34xx Series combines a powerful 8051-based microcontroller with a
flexible memory structure, programmable logic, and a rich peripheral mix to form an ideal
embedded controller. At its core is a fast 4-cycle 8032 MCU with a 4-byte instruction
prefetch queue (PFQ) and a 4-entry fully associative branching cache (BC). The MCU is
connected to a 16-bit internal instruction path to maximize performance, enabling loops of
code in smaller localities to execute extremely fast. The 16-bit wide instruction path in the
Turbo Plus Series allows double-byte instructions to be fetched from memory in a single
memory cycle. This keeps the average performance near its peak performance (peak
performance for 5V, 40MHz Turbo Plus uPSD34xx is 10 MIPS for single-byte instructions,
and average performance will be approximately 9 MIPS for mix of single- and multi-byte
instructions).
USB 2.0 (full speed, 12Mbps) is included, providing 10 endpoints, each with its own 64-byte
FIFO to maintain high data throughput. Endpoint 0 (Control Endpoint) uses two of the 10
endpoints for In and Out directions, the remaining eight endpoints may be allocated in any
mix to either type of transfers: Bulk or Interrupt.
Code development is easily managed without a hardware In-Circuit Emulator by using the
serial JTAG debug interface. JTAG is also used for In-System Programming (ISP) in as little
as 10 seconds, perfect for manufacturing and lab development. The 8032 core is coupled to
Programmable System Device (PSD) architecture to optimize the 8032 memory structure,
offering two independent banks of Flash memory that can be placed at virtually any address
within 8032 program or data address space, and easily paged beyond 64K bytes using on-
chip programmable decode logic.
Dual Flash memory banks provide a robust solution for remote product updates in the field
through In-Application Programming (IAP). Dual Flash banks also support EEPROM
emulation, eliminating the need for external EEPROM chips.
General purpose programmable logic (PLD) is included to build an endless variety of glue-
logic, saving external logic devices. The PLD is configured using the software development
tool, PSDsoft Express, available from the web at www.st.com/psm, at no charge.
The uPSD34xx also includes supervisor functions such as a programmable watchdog timer
and low-voltage reset.
Note:
For a list of known limitations of the uPSD34xx devices, please refer to Section 34:
Important notes.


Similar Part No. - UPSD3453E-40T6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3454E-40T6 STMICROELECTRONICS-UPSD3454E-40T6 Datasheet
3Mb / 300P
   Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
Rev 5 January 2009
UPSD3454E-40U6 STMICROELECTRONICS-UPSD3454E-40U6 Datasheet
3Mb / 300P
   Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
Rev 5 January 2009
UPSD3454EB40T6 STMICROELECTRONICS-UPSD3454EB40T6 Datasheet
3Mb / 300P
   Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
Rev 5 January 2009
UPSD3454EB40U6 STMICROELECTRONICS-UPSD3454EB40U6 Datasheet
3Mb / 300P
   Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
Rev 5 January 2009
UPSD3454EV-40T6 STMICROELECTRONICS-UPSD3454EV-40T6 Datasheet
3Mb / 300P
   Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
Rev 5 January 2009
More results

Similar Description - UPSD3453E-40T6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3422 STMICROELECTRONICS-UPSD3422_V01 Datasheet
3Mb / 300P
   Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
Rev 5 January 2009
UPSD3422 STMICROELECTRONICS-UPSD3422 Datasheet
4Mb / 264P
   Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD34XX STMICROELECTRONICS-UPSD34XX Datasheet
267Kb / 9P
   Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD3233B-40U6 STMICROELECTRONICS-UPSD3233B-40U6 Datasheet
267Kb / 8P
   8032 MCU with USB and Programmable Logic
UPSD33XX STMICROELECTRONICS-UPSD33XX Datasheet
3Mb / 231P
   Fast 8032 MCU with Programmable Logic
UPSD3354DV-40U6 STMICROELECTRONICS-UPSD3354DV-40U6 Datasheet
3Mb / 272P
   fast 8032 MCU with programmable logic
UPSD3212A STMICROELECTRONICS-UPSD3212A Datasheet
2Mb / 163P
   Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
STHVDAC-253MTG STMICROELECTRONICS-STHVDAC-253MTG Datasheet
672Kb / 28P
   Antenna tuning circuit with turbo and glide
STHVDAC-256MTG STMICROELECTRONICS-STHVDAC-256MTG Datasheet
650Kb / 27P
   Antenna tuning circuit with turbo and glide
logo
Pixart Imaging Inc.
PAC107 PIXART-PAC107 Datasheet
1Mb / 53P
   SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com