Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP-10 Datasheet(PDF) 3 Page - DB Lectro Inc

Part # RP-10
Description  Piano Type Dip Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

RP-10 Datasheet(HTML) 3 Page - DB Lectro Inc

  RP-10 Datasheet HTML 1Page - DB Lectro Inc RP-10 Datasheet HTML 2Page - DB Lectro Inc RP-10 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WAVE SOLDERING: Recommended solder temperature at 500 F
(260° C) max. 5 seconds.
HAND SOLDERING: Use a soldering iron of 30 watts, controlled
at 608 F(320° C) approximately 2 seconds
while applying solder.
CLEANING PROCESS: Flux clean using force rinse, high agitation
or triple bath cleaning method. Freon TF
or TE give excellent results. When vapor
methods are used, do not subject the
switch to solvents at temperatures above
125 F (51° C).
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - RP-10

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
RP-10-B DBLECTRO-RP-10-B Datasheet
314Kb / 2P
   PIANO TYPE DIP SWITCH
RP-10-B-T DBLECTRO-RP-10-B-T Datasheet
314Kb / 2P
   PIANO TYPE DIP SWITCH
RP-10-K DBLECTRO-RP-10-K Datasheet
314Kb / 2P
   PIANO TYPE DIP SWITCH
RP-10-K-T DBLECTRO-RP-10-K-T Datasheet
314Kb / 2P
   PIANO TYPE DIP SWITCH
RP-10-R DBLECTRO-RP-10-R Datasheet
314Kb / 2P
   PIANO TYPE DIP SWITCH
More results

Similar Description - RP-10

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
RP-02 DBLECTRO-RP-02 Datasheet
314Kb / 2P
   PIANO TYPE DIP SWITCH
logo
Adam Technologies, Inc.
SW-DP-XX-SPST-V-T-P-L ADAM-TECH-SW-DP-XX-SPST-V-T-P-L Datasheet
80Kb / 1P
   PIANO TYPE DIP SWITCH
logo
Omron Electronics LLC
A6SR OMRON-A6SR Datasheet
403Kb / 4P
   DIP Switch (Piano Type)
A6TR OMRON-A6TR Datasheet
334Kb / 4P
   DIP Switch (Piano Type)
logo
GREATECS
DX516 GREATECS-DX516 Datasheet
259Kb / 1P
   End Stackable Piano Type DIP Switch
logo
OEN India Limited
OEN27 OENINDIA-OEN27 Datasheet
372Kb / 1P
   SLIDE & PIANO TYPE DIP SWITCHES
27S-024S OENINDIA-27S-024S Datasheet
372Kb / 1P
   SLIDE&PIANO TYPE DIP SWITCHES
logo
Omron Electronics LLC
A6HR OMRON-A6HR Datasheet
230Kb / 2P
   Piano DIP Switch (SMT Half-pitch)
logo
E-SWITCH
KAR E-SWITCH-KAR Datasheet
542Kb / 3P
   PIANO DIP SWITCHES
KAP E-SWITCH-KAP Datasheet
139Kb / 2P
   PIANO DIP SWITCHES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com