Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB3361 Datasheet(PDF) 6 Page - Kingbor Technology Co

Part # KB3361
Description  1.4MHz 800mA High Efficiency Synchronous Step-Down Regulator in SOT23-5
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3361 Datasheet(HTML) 6 Page - Kingbor Technology Co

  KB3361 Datasheet HTML 1Page - Kingbor Technology Co KB3361 Datasheet HTML 2Page - Kingbor Technology Co KB3361 Datasheet HTML 3Page - Kingbor Technology Co KB3361 Datasheet HTML 4Page - Kingbor Technology Co KB3361 Datasheet HTML 5Page - Kingbor Technology Co KB3361 Datasheet HTML 6Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
S5 Package
5-Lead Plastic TSOT-23(SOT23-5)
1.50 – 1.75
(NOTE 4)
2.80 BSC
0.30 – 0.45 TYP
5 PLCS (NOTE 3)
DATUM ‘A’
0.09 – 0.20
(NOTE 3)
PIN ONE
2.90 BSC
(NOTE 4)
0.95 BSC
1.90 BSC
0.80 – 1.20
1.30 MAX
0.01 – 0.10
0.20 BSC
0.30 – 0.50 REF
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DRAWING NOT TO SCALE
3. DIMENSIONS ARE INCLUSIVE OF PLATING
4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
5. MOLD FLASH SHALL NOT EXCEED 0.254mm
6. JEDEC PACKAGE REFERENCE IS MO-193
3.85 MAX
0.62
MAX
0.95
REF
RECOMMENDED SOLDER PAD LAYOUT
PER IPC CALCULATOR
1.4 MIN
2.62 REF
1.22 REF
KB3361
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
PACAGE DESCRIPTION
Kingbor Technology
TEL:(86)0755-26508846 FAX:(86)0755-26509052 www.kingbor.com
6
2007-Aug, Rev 1.0


Similar Part No. - KB3361

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB3301 KINGBOR-KB3301 Datasheet
97Kb / 5P
   Step-up DC/DC converter
KB3301MR KINGBOR-KB3301MR Datasheet
97Kb / 5P
   Step-up DC/DC converter
KB3301PR KINGBOR-KB3301PR Datasheet
97Kb / 5P
   Step-up DC/DC converter
KB3302 KINGBOR-KB3302 Datasheet
248Kb / 17P
   2Amp, 2MHz Step-up Switching regulator with Soft-Start
KB3302DD KINGBOR-KB3302DD Datasheet
248Kb / 17P
   2Amp, 2MHz Step-up Switching regulator with Soft-Start
More results

Similar Description - KB3361

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB3426 KINGBOR-KB3426 Datasheet
199Kb / 16P
   1.5MHz, 800mA Synchronous Step-Down Regulator in SOT23-5
logo
Linear Technology
LTC3404 LINER-LTC3404_15 Datasheet
215Kb / 16P
   1.4MHz High Efficiency Monolithic Synchronous Step-Down Regulator
LTC3404IMS8 LINER-LTC3404IMS8 Datasheet
198Kb / 16P
   1.4MHz High Efficiency Monolithic Synchronous Step-Down Regulator
LTC3404 LINER-LTC3404 Datasheet
241Kb / 16P
   1.4MHz High Efficiency Monolithic Synchronous Step-Down Regulator
logo
ELM Technology Corporat...
ELM600LA ELM-TECH-ELM600LA Datasheet
2Mb / 10P
   ELM600LA 800mA 1.4MHz high efficiency synchronous PWM step down DC/DC converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA2360 ETA-ETA2360 Datasheet
133Kb / 1P
   1.4MHz, 0.3A, 24V High Efficiency Step-Down Converter in SOT23-6
ETA2359 ETA-ETA2359 Datasheet
196Kb / 1P
   1.4MHz, 1.2A, 24V High Efficiency Step-Down Converter in SOT23-6
logo
Semtech Corporation
SC4626 SEMTECH-SC4626 Datasheet
1Mb / 21P
   2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
logo
Kingbor Technology Co
KB3408 KINGBOR-KB3408 Datasheet
109Kb / 6P
   1.5MHz,350mA Synchronous Step-Down Regulator in SOT23-5
logo
Semtech Corporation
SC4626CSKTRT SEMTECH-SC4626CSKTRT Datasheet
1,018Kb / 22P
   2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com