Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB3408-ADJ Datasheet(PDF) 4 Page - Kingbor Technology Co

Part # KB3408-ADJ
Description  1.5MHz,350mA Synchronous Step-Down Regulator in SOT23-5
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3408-ADJ Datasheet(HTML) 4 Page - Kingbor Technology Co

  KB3408-ADJ Datasheet HTML 1Page - Kingbor Technology Co KB3408-ADJ Datasheet HTML 2Page - Kingbor Technology Co KB3408-ADJ Datasheet HTML 3Page - Kingbor Technology Co KB3408-ADJ Datasheet HTML 4Page - Kingbor Technology Co KB3408-ADJ Datasheet HTML 5Page - Kingbor Technology Co KB3408-ADJ Datasheet HTML 6Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
March 2007
KB3408
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
(From Figure 1a Except for the Resistive Divider Resistor Values)
Start-Up from Shutdown
Load Step
Load Step
RUN
2V/DIV
ILOAD
500mA/DIV
VOUT
2V/DIV
40
µs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 350mA
IL
500mA/DIV
ILOAD
500mA/DIV
VOUT
100mV/DIV
AC COUPLED
20
µs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0mA TO 350mA
ILOAD
500mA/DIV
IL
500mA/DIV
VOUT
100mV/DIV
AC COUPLED
20
µs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 50mA TO 350mA
Load Step
Load Step
ILOAD
500mA/DIV
IL
500mA/DIV
VOUT
100mV/DIV
AC COUPLED
20
µs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 100mA TO 350mA
IL
500mA/DIV
ILOAD
500mA/DIV
VOUT
100mV/DIV
AC COUPLED
20
µs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 200mA TO 350mA
RUN (Pin 1): Run Control Input. Forcing this pin above
1.5V enables the part. Forcing this pin below 0.3V shuts
down the device. In shutdown, all functions are disabled
drawing <1
µA supply current. Do not leave RUN floating.
GND (Pin 2): Ground Pin.
SW (Pin 3): Switch Node Connection to Inductor. This pin
connects to the drains of the internal main and synchro-
nous power MOSFET switches.
VIN (Pin 4): Main Supply Pin. Must be closely decoupled
to GND, Pin 2, with a 2.2
µF or greater ceramic capacitor.
VFB (Pin 5) (kB3408): Feedback Pin. Receives the feed-
back voltage from an external resistive divider across the
output.
VOUT (Pin 5) (kB3408-1.8/kB3408-3.3):
Output Volt-
age Feedback Pin. An internal resistive divider divides the
output voltage down for comparison to the internal refer-
ence voltage.
TYPICAL PERFORMANCE CHARACTERISTICS
PIN FUNCTIONS


Similar Part No. - KB3408-ADJ

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB3417GRE KINGBOR-KB3417GRE Datasheet
146Kb / 9P
   High Efficiency, Constant Current 2 Watt Boost White-LED Driver
KB3426 KINGBOR-KB3426 Datasheet
199Kb / 16P
   1.5MHz, 800mA Synchronous Step-Down Regulator in SOT23-5
KB3426-ADJ KINGBOR-KB3426-ADJ Datasheet
199Kb / 16P
   1.5MHz, 800mA Synchronous Step-Down Regulator in SOT23-5
KB3426B-1.8 KINGBOR-KB3426B-1.8 Datasheet
199Kb / 16P
   1.5MHz, 800mA Synchronous Step-Down Regulator in SOT23-5
KB3426B-3.3 KINGBOR-KB3426B-3.3 Datasheet
199Kb / 16P
   1.5MHz, 800mA Synchronous Step-Down Regulator in SOT23-5
More results

Similar Description - KB3408-ADJ

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB3426 KINGBOR-KB3426 Datasheet
199Kb / 16P
   1.5MHz, 800mA Synchronous Step-Down Regulator in SOT23-5
logo
Semtech Corporation
SC4626 SEMTECH-SC4626 Datasheet
1Mb / 21P
   2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
SC4626CSKTRT SEMTECH-SC4626CSKTRT Datasheet
1,018Kb / 22P
   2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
SC4626ASKTRT SEMTECH-SC4626ASKTRT Datasheet
1,018Kb / 22P
   2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
logo
ETA SOLUTIONS CO. LIMIT...
ETA3486 ETA-ETA3486 Datasheet
194Kb / 1P
   1A, 1.5MHz Step-Down Converter in SOT23-5 Package
ETA3406 ETA-ETA3406 Datasheet
269Kb / 1P
   1.5MHz 1.2A Step-Down Converter in SOT23-5 Package
ETA3408 ETA-ETA3408 Datasheet
194Kb / 1P
   1A, 1.5MHz Step-Down Converter in SOT23-5 Package
logo
Linear Technology
LTC3406-1.5 LINER-LTC3406-1.5_15 Datasheet
246Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.2 LINER-LTC3406-1.2 Datasheet
235Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406A LINER-LTC3406A Datasheet
304Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com