Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB2301E21F Datasheet(PDF) 6 Page - Kingbor Technology Co

Part # KB2301E21F
Description  Step-Up DC-DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB2301E21F Datasheet(HTML) 6 Page - Kingbor Technology Co

Back Button KB2301E21F Datasheet HTML 2Page - Kingbor Technology Co KB2301E21F Datasheet HTML 3Page - Kingbor Technology Co KB2301E21F Datasheet HTML 4Page - Kingbor Technology Co KB2301E21F Datasheet HTML 5Page - Kingbor Technology Co KB2301E21F Datasheet HTML 6Page - Kingbor Technology Co KB2301E21F Datasheet HTML 7Page - Kingbor Technology Co KB2301E21F Datasheet HTML 8Page - Kingbor Technology Co KB2301E21F Datasheet HTML 9Page - Kingbor Technology Co KB2301E21F Datasheet HTML 10Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Efficiency vs. Output Current
Output Current(mA)
L=47uH
C=47uF
VOUT=3.4V
Output Current vs. Ripple Voltage
Output Current (mA)
L=47uH
C=47uF
VOUT=3.4V
KB2301
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
6


Similar Part No. - KB2301E21F

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB2300EW KINGBRIGHT-KB2300EW Datasheet
198Kb / 4P
   8.89mmx3.81mm LED LIGHT BAR
More results

Similar Description - KB2301E21F

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
   Step-Up DC/DC Converter
logo
Diodes Incorporated
AP1603 DIODES-AP1603_V01 Datasheet
278Kb / 8P
   STEP-UP DC-DC CONVERTER
Rev. 4 - 2 February 2014
AP1522 DIODES-AP1522 Datasheet
323Kb / 10P
   STEP-UP DC/DC CONVERTER
December 2017 Rev. 4 - 4
logo
Micon Design Technology...
MDT7733 MDTIC-MDT7733 Datasheet
63Kb / 3P
   Step-up DC/DC Converter
logo
Anachip Corp
AP1601 ANACHIP-AP1601 Datasheet
207Kb / 9P
   Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com