Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB4317 Datasheet(PDF) 4 Page - Kingbor Technology Co

Part # KB4317
Description  High Efficiency, Constant Current 2 Watt Boost White-LED Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB4317 Datasheet(HTML) 4 Page - Kingbor Technology Co

  KB4317 Datasheet HTML 1Page - Kingbor Technology Co KB4317 Datasheet HTML 2Page - Kingbor Technology Co KB4317 Datasheet HTML 3Page - Kingbor Technology Co KB4317 Datasheet HTML 4Page - Kingbor Technology Co KB4317 Datasheet HTML 5Page - Kingbor Technology Co KB4317 Datasheet HTML 6Page - Kingbor Technology Co KB4317 Datasheet HTML 7Page - Kingbor Technology Co KB4317 Datasheet HTML 8Page - Kingbor Technology Co KB4317 Datasheet HTML 9Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
High Efficiency, Constant Current
4
KB4317
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
TYPICAL PERFORMANCE CHARACTERISTICS
REV: 1.0
2 Watt Boost White-LED Driver
1. Driving Capability
Vin
ILED=12.5mA
ILED=20mA
2.4V
6 x 1LED
4 x 1LED
3.6V
3 x 9LED
3 x 6LED
5.0V
3 x 10LED
3 x 10LED
2.Efficiency
Figure 3. Efficiency vs Vin and ILED
Figure 4. Efficiency vs Temperature
3. Quiescent Current vs VIN and Temperature
Figure 5. Iq vs. Temperature
4.Switching Frequency vs Temperature
Figure 6. Fosc vs. Temperature


Similar Part No. - KB4317

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB4312 KINGBOR-KB4312 Datasheet
181Kb / 9P
   Tiny Package, High Performance, Constant Current Switching Regulator for White LED
KB4312A-GRE KINGBOR-KB4312A-GRE Datasheet
181Kb / 9P
   Tiny Package, High Performance, Constant Current Switching Regulator for White LED
KB4312B-GRE KINGBOR-KB4312B-GRE Datasheet
181Kb / 9P
   Tiny Package, High Performance, Constant Current Switching Regulator for White LED
KB4313 KINGBOR-KB4313 Datasheet
210Kb / 10P
   High Efficiency, Constant Current 12 Watt Boost White-LED Driver
KB4313GRE KINGBOR-KB4313GRE Datasheet
210Kb / 10P
   High Efficiency, Constant Current 12 Watt Boost White-LED Driver
More results

Similar Description - KB4317

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB4314 KINGBOR-KB4314 Datasheet
150Kb / 9P
   High Efficiency, Constant Current 1 Watt Boost White-LED Driver
KB4313 KINGBOR-KB4313 Datasheet
210Kb / 10P
   High Efficiency, Constant Current 12 Watt Boost White-LED Driver
logo
Aimtron Technology
AT1313 AIMTRON-AT1313 Datasheet
195Kb / 12P
   High Efficiency, Constant Current White-LED Driver
logo
Shenzhen Huazhimei Semi...
HM3344 HMSEMI-HM3344 Datasheet
581Kb / 9P
   Precision, high efficiency buck-boost LED constant current driver
HM3341 HMSEMI-HM3341 Datasheet
679Kb / 9P
   High-precision, high-efficiency buck-boost LED constant current driver
logo
Aimtron Technology
AT1312 AIMTRON-AT1312 Datasheet
408Kb / 16P
   High Efficiency, Constant Current White-LEDs Driver
logo
Shenzhen Huazhimei Semi...
HM9284 HMSEMI-HM9284 Datasheet
1Mb / 9P
   1.2MHz, High Efficiency Boost White LED Driver
HM5305 HMSEMI-HM5305 Datasheet
423Kb / 9P
   Boost high-power LED constant current driver
logo
Global Mixed-mode Techn...
G2619 GMT-G2619 Datasheet
109Kb / 1P
   High Efficiency, Constant Current 20V White- LEDs Driver
AT1316A GMT-AT1316A Datasheet
101Kb / 1P
   High Efficiency, Constant Current 20V White-LEDs Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com