Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQ105DY-C5-12-TRL Datasheet(PDF) 1 Page - Acutechnology Semiconductor

Part # AQ105DY-C5-12-TRL
Description  Secondary V/I amplifier SOT23-5 and SC70-5 Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACUTECH [Acutechnology Semiconductor]
Direct Link  
Logo ACUTECH - Acutechnology Semiconductor

AQ105DY-C5-12-TRL Datasheet(HTML) 1 Page - Acutechnology Semiconductor

  AQ105DY-C5-12-TRL Datasheet HTML 1Page - Acutechnology Semiconductor AQ105DY-C5-12-TRL Datasheet HTML 2Page - Acutechnology Semiconductor AQ105DY-C5-12-TRL Datasheet HTML 3Page - Acutechnology Semiconductor AQ105DY-C5-12-TRL Datasheet HTML 4Page - Acutechnology Semiconductor AQ105DY-C5-12-TRL Datasheet HTML 5Page - Acutechnology Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.acutechnology.com
AQ105
AQ105
Secondary V/I amplifier
SOT23-5 and SC70-5 Package
Product Specification
Revision 1.3
July 17, 2006
Applications
Offline Battery Chargers
Constant V/ Constant I supplies
General Description
The AQ105 is a low cost secondary
control circuit for low power applications
needing constant voltage and constant
current control. It implements a simple
single-loop control by modifying the
internal reference level as a function of
current above the current limit threshold.
The current loop reduces the reference
by 40 mV per mV change at the current
sense input. The error amp provides
high gain and bandwidth under low
voltage operation.
Features
1.25V reference
200mV current limit threshold
Error amp output swings near ground for
low voltage operation
High PSRR and line regulation
Low current consumption
Offered in ultra small SC70-5 package
Open collector output
Low voltage operation 2.2V
10mA current sink
50 ppm/ºC typical temperature deviation
RoHS compliant available
Block Diagram
Pin Configuration


Similar Part No. - AQ105DY-C5-12-TRL

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
AQ10510NJ-T TAIYO-YUDEN-AQ10510NJ-T Datasheet
143Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency
AQ10510NJ-T TAIYO-YUDEN-AQ10510NJ-T Datasheet
267Kb / 2P
   High-Q Multilayer Chip Inductors for High Frequency Applications (AQ series)
AQ10510NJ-T TAIYO-YUDEN-AQ10510NJ-T_V01 Datasheet
267Kb / 2P
   High-Q Multilayer Chip Inductors for High Frequency Applications (AQ series)
AQ10512NJ-T TAIYO-YUDEN-AQ10512NJ-T Datasheet
143Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency
AQ10512NJ-T TAIYO-YUDEN-AQ10512NJ-T Datasheet
267Kb / 2P
   High-Q Multilayer Chip Inductors for High Frequency Applications (AQ series)
More results

Similar Description - AQ105DY-C5-12-TRL

ManufacturerPart #DatasheetDescription
logo
Acutechnology Semicondu...
AQ102 ACUTECH-AQ102 Datasheet
445Kb / 7P
   Low-Voltage Ref/Amplifier SOT23-5 and SC70-5 Package
AQ120 ACUTECH-AQ120 Datasheet
449Kb / 7P
   Battery Charger Controller SOT23-5 and SC70-5 Package
logo
Guangdong Youtai Semico...
SN74LVC1G32 UMW-SN74LVC1G32 Datasheet
565Kb / 8P
   Tiny SC70-5 /SOT23-5 Packages
SN74LVC1G34 UMW-SN74LVC1G34 Datasheet
1Mb / 9P
   Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
SN74LVC1G07 UMW-SN74LVC1G07 Datasheet
1Mb / 9P
   Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
SN74LVC1G86 UMW-SN74LVC1G86 Datasheet
813Kb / 9P
   Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
SN74LVC1G17 UMW-SN74LVC1G17 Datasheet
718Kb / 9P
   Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
logo
Diodes Incorporated
ZXCL DIODES-ZXCL Datasheet
427Kb / 14P
   Micropower SC70-5 & SOT23-5 low dropout regulators
logo
Zetex Semiconductors
ZXCL5213V25 ZETEX-ZXCL5213V25 Datasheet
287Kb / 11P
   MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
logo
Guangdong Youtai Semico...
SN74LVC1G02 UMW-SN74LVC1G02 Datasheet
675Kb / 9P
   Tiny SC70-5 /SOT23-5 /DFN6(1.5mm*1.0mm) Packages
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com