Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQ111CY-M7-25-TR Datasheet(PDF) 6 Page - Acutechnology Semiconductor

Part # AQ111CY-M7-25-TR
Description  Low Dropout 1 Amp Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACUTECH [Acutechnology Semiconductor]
Direct Link  
Logo ACUTECH - Acutechnology Semiconductor

AQ111CY-M7-25-TR Datasheet(HTML) 6 Page - Acutechnology Semiconductor

  AQ111CY-M7-25-TR Datasheet HTML 1Page - Acutechnology Semiconductor AQ111CY-M7-25-TR Datasheet HTML 2Page - Acutechnology Semiconductor AQ111CY-M7-25-TR Datasheet HTML 3Page - Acutechnology Semiconductor AQ111CY-M7-25-TR Datasheet HTML 4Page - Acutechnology Semiconductor AQ111CY-M7-25-TR Datasheet HTML 5Page - Acutechnology Semiconductor AQ111CY-M7-25-TR Datasheet HTML 6Page - Acutechnology Semiconductor AQ111CY-M7-25-TR Datasheet HTML 7Page - Acutechnology Semiconductor AQ111CY-M7-25-TR Datasheet HTML 8Page - Acutechnology Semiconductor AQ111CY-M7-25-TR Datasheet HTML 9Page - Acutechnology Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Acutechnology Semiconductor Inc.
AQ111
www.acutechnology.com
6
Rev. 1.5 September 13, 2006
Application Notes
1. Typical Application
Notes:
1. Output voltage is 1.22V * (R2 +R1)/R1
2. Input and output capacitors should be located close to the device.
3. The AQ111 will remain stable with C1 and C2 as low as 1.0µF. Overall transient
performance is improved with increased capacitance.
2. Stability
An input capacitor is recommended. A 1.0µF capacitor on the input is a suitable input
bypassing for almost all applications. A larger capacitor is also suitable. In the adjustable
version the “adjust” terminal can be bypassed to ground with a bypass capacitor (CADJ) to
improve ripple rejection. This bypass capacitor prevents ripple from being amplified as the
output voltage is increased. At any ripple frequency, the impedance of the CADJ should be
less than R1 (being R1 the resistor between the output and the adjust pin) to prevent the
ripple from being amplified:
Z = 1/(2π*fRIPPLE* CADJ) < R1
R1 is normally in the range of 1KΩ.
The output capacitor is critical in maintaining regular stability. The AQ111 is stable with an
output capacitor greater than. Of course any increase of the output capacitor will merely improve
the loop stability and the load transient response. In the case of the adjustable regulator, when
the CADJ is used, a larger output capacitance may be required. Tantalum Capacitors exhibit the
best stability over a wide range of loads and are recommended.
3. Output Voltage
The AQ111 adjustable version develops a 1.22V reference voltage between the output and
the adjust pin terminal. This voltage is applied across the resistor R1 to generate a constant
current (I1). The current from the adjust terminal could introduce error to the output, but since
it is very small (< 20µA) compared with the current I1 and very constant with line and load
changes, the error can be ignored. The constant current I1 then flows through resistor R2
and sets the output voltage to the desired level.
For fixed voltages the resistor R1 and R2 are integrated inside the devices.


Similar Part No. - AQ111CY-M7-25-TR

ManufacturerPart #DatasheetDescription
logo
Acutechnology Semicondu...
AQ1117 ACUTECH-AQ1117 Datasheet
271Kb / 7P
   Low Dropout 1 Amp Voltage Regulator
AQ1117CY-M1-18-TR ACUTECH-AQ1117CY-M1-18-TR Datasheet
271Kb / 7P
   Low Dropout 1 Amp Voltage Regulator
AQ1117CY-M1-18-TRL ACUTECH-AQ1117CY-M1-18-TRL Datasheet
271Kb / 7P
   Low Dropout 1 Amp Voltage Regulator
AQ1117CY-M1-25-TR ACUTECH-AQ1117CY-M1-25-TR Datasheet
271Kb / 7P
   Low Dropout 1 Amp Voltage Regulator
AQ1117CY-M1-25-TRL ACUTECH-AQ1117CY-M1-25-TRL Datasheet
271Kb / 7P
   Low Dropout 1 Amp Voltage Regulator
More results

Similar Description - AQ111CY-M7-25-TR

ManufacturerPart #DatasheetDescription
logo
Acutechnology Semicondu...
AQ1117 ACUTECH-AQ1117 Datasheet
271Kb / 7P
   Low Dropout 1 Amp Voltage Regulator
logo
List of Unclassifed Man...
PJ1117 ETC1-PJ1117 Datasheet
294Kb / 6P
   1 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LM3940 SEME-LAB-LM3940 Datasheet
84Kb / 4P
   1 AMP LOW DROPOUT REGULATOR FOR
logo
Acutechnology Semicondu...
AQ1541 ACUTECH-AQ1541 Datasheet
664Kb / 10P
   Low Dropout 1 Amp Voltage Regulator with Enable Function
logo
Seme LAB
IP2990 SEME-LAB-IP2990 Datasheet
210Kb / 5P
   1 AMP NEGATIVE LOW DROPOUT REGULATOR FOR
logo
M.S. Kennedy Corporatio...
MSK5330-5.0H MSK-MSK5330-5.0H Datasheet
233Kb / 5P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1082 TSC-TS1082 Datasheet
197Kb / 6P
   10 Amp Low Dropout Positive Voltage Regulator
TS1083 TSC-TS1083 Datasheet
211Kb / 6P
   7.5 Amp Low Dropout Positive Voltage Regulator
logo
Texas Instruments
LM2940 TI1-LM2940 Datasheet
290Kb / 16P
[Old version datasheet]   1-A LOW-DROPOUT VOLTAGE REGULATOR
MAY 2006
logo
List of Unclassifed Man...
PJ1084 ETC-PJ1084 Datasheet
308Kb / 7P
   5 Amp Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com