Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQ112CY-S4-18-TRL Datasheet(PDF) 8 Page - Acutechnology Semiconductor

Part # AQ112CY-S4-18-TRL
Description  Ultra-Low Dropout 1A Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACUTECH [Acutechnology Semiconductor]
Direct Link  
Logo ACUTECH - Acutechnology Semiconductor

AQ112CY-S4-18-TRL Datasheet(HTML) 8 Page - Acutechnology Semiconductor

Back Button AQ112CY-S4-18-TRL Datasheet HTML 2Page - Acutechnology Semiconductor AQ112CY-S4-18-TRL Datasheet HTML 3Page - Acutechnology Semiconductor AQ112CY-S4-18-TRL Datasheet HTML 4Page - Acutechnology Semiconductor AQ112CY-S4-18-TRL Datasheet HTML 5Page - Acutechnology Semiconductor AQ112CY-S4-18-TRL Datasheet HTML 6Page - Acutechnology Semiconductor AQ112CY-S4-18-TRL Datasheet HTML 7Page - Acutechnology Semiconductor AQ112CY-S4-18-TRL Datasheet HTML 8Page - Acutechnology Semiconductor AQ112CY-S4-18-TRL Datasheet HTML 9Page - Acutechnology Semiconductor AQ112CY-S4-18-TRL Datasheet HTML 10Page - Acutechnology Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Acutechnology Semiconductor Inc.
AQ112
www.acutechnology.com
8
Rev. 1.6 September 13, 2006
In applications where multiple regulated supply rails are required, it is often required that the
relationship between the various supply voltages be controlled during start-up and shutdown.
To this end, the AQ112 allows for an analog control of the output voltage via the ENABLE pin.
This allows for sequential, ratio-metric and simultaneous sequencing schemes.
4. Protection Diodes
Unlike older regulators, the AQ112 family does not need any protection diodes between the
adjustment pin and output or from the output to the input to prevent over-stressing the die.
Internal resistors are limiting the internal current paths on the adjustment pin. Therefore,
even with capacitors on the adjustment pin, no protection diode is needed to ensure device
safety under short circuit conditions. External diodes between the input and output are not
usually needed. Only if high value output capacitors are used (> 1000uF) and the input is
instantaneously shorted to ground, can damage occur.
5. Thermal Considerations
When an integrated circuit operates with an appreciable current, its junction temperature is
elevated. It is important to quantify its thermal limits in order to achieve acceptable
performance and reliability. This limit is determined by summing the individual parts
consisting of a series of temperature rises from the semiconductor junction to the operating
environment. The heat generated at the device junction flows through the die to the die
attach pad, through the lead frame to the surrounding case material, to the printed circuit
board, and eventually to the ambient environment.
The AQ112 regulators have internal thermal shutdown to protect the device from over-
heating. Under all possible operating conditions, the junction temperature of the AQ112
must be lower than 125°C. A heatsink may be required depending on the maximum power
dissipation and maximum ambient temperature of the application.
To determine if a heatsink is needed, the power dissipated by the regulator, PD, must be
calculated:
PD= (VC-VOUT) IL
where the IL is the load current.
The next parameter which must be calculated is the maximum allowable temperature rise,
T(max):
T(max)=TJ(max)-TA(max)
where TJ(max) is the maximum allowable junction temperature (125°C), and TA(max) is the
maximum ambient temperature which will be encountered in the application.
Using the calculated values for T(max) and PD, the maximum allowable value for the
junction to ambient thermal resistance (θJA) can be calculated:
θJA=T(max)/ PD
If the maximum allowable value for θJA is found to be greater than the junction to
ambient thermal resistance for the package used, no heatsink is needed since the
package alone will dissipate enough heat to satisfy these requirements.


Similar Part No. - AQ112CY-S4-18-TRL

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ1100 SYNQOR-AQ1100 Datasheet
2Mb / 8P
   Integral fan cooling with speed control
AQ1100IUXX SYNQOR-AQ1100IUXX Datasheet
2Mb / 8P
   Active PFC; EN61000-3-2 compliant
logo
Acutechnology Semicondu...
AQ111 ACUTECH-AQ111 Datasheet
586Kb / 9P
   Low Dropout 1 Amp Voltage Regulator
AQ1117 ACUTECH-AQ1117 Datasheet
271Kb / 7P
   Low Dropout 1 Amp Voltage Regulator
AQ1117CY-M1-18-TR ACUTECH-AQ1117CY-M1-18-TR Datasheet
271Kb / 7P
   Low Dropout 1 Amp Voltage Regulator
More results

Similar Description - AQ112CY-S4-18-TRL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2940 TSC-TS2940_07 Datasheet
455Kb / 10P
   1A Ultra Low Dropout Voltage Regulator
TS39100 TSC-TS39100_08 Datasheet
347Kb / 7P
   1A Ultra Low Dropout Voltage Regulator
TS2940 TSC-TS2940_08 Datasheet
579Kb / 10P
   1A Ultra Low Dropout Voltage Regulator
TS39100 TSC-TS39100_12 Datasheet
140Kb / 7P
   1A Ultra Low Dropout Voltage Regulator
logo
AiT Semiconductor Inc.
A6110B AITSEMI-A6110B Datasheet
705Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR 1A ULTRA-LOW VIN
REV1.1
logo
Fitipower Integrated Te...
FP6153 FITIPOWER-FP6153 Datasheet
364Kb / 7P
   1A Ultra Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS178R00 TSC-TS178R00 Datasheet
184Kb / 5P
   1A Ultra Low Dropout Voltage Regulator w/Disable
TS2940 TSC-TS2940 Datasheet
139Kb / 6P
   1A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
ACE Technology Co., LTD...
ACE518C ACE-ACE518C Datasheet
407Kb / 8P
   1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8073 BELLING-BL8073 Datasheet
995Kb / 5P
   1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com