Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQ112CY-S4-18-TRL Datasheet(PDF) 9 Page - Acutechnology Semiconductor

Part # AQ112CY-S4-18-TRL
Description  Ultra-Low Dropout 1A Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACUTECH [Acutechnology Semiconductor]
Direct Link  
Logo ACUTECH - Acutechnology Semiconductor

AQ112CY-S4-18-TRL Datasheet(HTML) 9 Page - Acutechnology Semiconductor

Back Button AQ112CY-S4-18-TRL Datasheet HTML 2Page - Acutechnology Semiconductor AQ112CY-S4-18-TRL Datasheet HTML 3Page - Acutechnology Semiconductor AQ112CY-S4-18-TRL Datasheet HTML 4Page - Acutechnology Semiconductor AQ112CY-S4-18-TRL Datasheet HTML 5Page - Acutechnology Semiconductor AQ112CY-S4-18-TRL Datasheet HTML 6Page - Acutechnology Semiconductor AQ112CY-S4-18-TRL Datasheet HTML 7Page - Acutechnology Semiconductor AQ112CY-S4-18-TRL Datasheet HTML 8Page - Acutechnology Semiconductor AQ112CY-S4-18-TRL Datasheet HTML 9Page - Acutechnology Semiconductor AQ112CY-S4-18-TRL Datasheet HTML 10Page - Acutechnology Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Acutechnology Semiconductor Inc.
AQ112
www.acutechnology.com
9
Rev. 1.6 September 13, 2006
7. Ultra low Dropout Operation
The AQ112 allows for ultra low dropout operation by connecting the pin ENABLE to >0.95V + Vout.
This results in a dropout of 100 mV at 150 mA of load current, between Vin and VOUT.
This feature is important when the supply voltage is dropping near the output regulated voltage.
Furthermore if the voltage dropout is low, the internal power dissipation is also reduced and the
thermal requirements of the device are less stringent.


Similar Part No. - AQ112CY-S4-18-TRL

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ1100 SYNQOR-AQ1100 Datasheet
2Mb / 8P
   Integral fan cooling with speed control
AQ1100IUXX SYNQOR-AQ1100IUXX Datasheet
2Mb / 8P
   Active PFC; EN61000-3-2 compliant
logo
Acutechnology Semicondu...
AQ111 ACUTECH-AQ111 Datasheet
586Kb / 9P
   Low Dropout 1 Amp Voltage Regulator
AQ1117 ACUTECH-AQ1117 Datasheet
271Kb / 7P
   Low Dropout 1 Amp Voltage Regulator
AQ1117CY-M1-18-TR ACUTECH-AQ1117CY-M1-18-TR Datasheet
271Kb / 7P
   Low Dropout 1 Amp Voltage Regulator
More results

Similar Description - AQ112CY-S4-18-TRL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2940 TSC-TS2940_07 Datasheet
455Kb / 10P
   1A Ultra Low Dropout Voltage Regulator
TS39100 TSC-TS39100_08 Datasheet
347Kb / 7P
   1A Ultra Low Dropout Voltage Regulator
TS2940 TSC-TS2940_08 Datasheet
579Kb / 10P
   1A Ultra Low Dropout Voltage Regulator
TS39100 TSC-TS39100_12 Datasheet
140Kb / 7P
   1A Ultra Low Dropout Voltage Regulator
logo
AiT Semiconductor Inc.
A6110B AITSEMI-A6110B Datasheet
705Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR 1A ULTRA-LOW VIN
REV1.1
logo
Fitipower Integrated Te...
FP6153 FITIPOWER-FP6153 Datasheet
364Kb / 7P
   1A Ultra Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS178R00 TSC-TS178R00 Datasheet
184Kb / 5P
   1A Ultra Low Dropout Voltage Regulator w/Disable
TS2940 TSC-TS2940 Datasheet
139Kb / 6P
   1A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
ACE Technology Co., LTD...
ACE518C ACE-ACE518C Datasheet
407Kb / 8P
   1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8073 BELLING-BL8073 Datasheet
995Kb / 5P
   1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com