Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQ120DY-M5-AJ-TRL Datasheet(PDF) 5 Page - Acutechnology Semiconductor

Part # AQ120DY-M5-AJ-TRL
Description  Battery Charger Controller SOT23-5 and SC70-5 Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACUTECH [Acutechnology Semiconductor]
Direct Link  
Logo ACUTECH - Acutechnology Semiconductor

AQ120DY-M5-AJ-TRL Datasheet(HTML) 5 Page - Acutechnology Semiconductor

  AQ120DY-M5-AJ-TRL Datasheet HTML 1Page - Acutechnology Semiconductor AQ120DY-M5-AJ-TRL Datasheet HTML 2Page - Acutechnology Semiconductor AQ120DY-M5-AJ-TRL Datasheet HTML 3Page - Acutechnology Semiconductor AQ120DY-M5-AJ-TRL Datasheet HTML 4Page - Acutechnology Semiconductor AQ120DY-M5-AJ-TRL Datasheet HTML 5Page - Acutechnology Semiconductor AQ120DY-M5-AJ-TRL Datasheet HTML 6Page - Acutechnology Semiconductor AQ120DY-M5-AJ-TRL Datasheet HTML 7Page - Acutechnology Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Acutechnology Semiconductor Inc.
AQ120
www.acutechnology.com
5
Rev. 1.8 April 1, 2006
Operation
The AQ120 is a linear battery charger controller. Charging begins when Vcc rises above
2.5V. When charging, the collector of the external PNP transistor provides the charge current.
Below the target charge voltage the controller is in current mode. When the battery voltage
reaches the target voltage then the controller switches to the voltage mode.
The target voltage is programmable through an external resistor divider. This allows flexibility
to set the voltage (to one or more cells Li ion batteries, NiMH or NiCd batteries).
In current mode the AQ120 regulates the voltage across the sense resistor to be 200 mV.
The charge current is therefore given by Ich = 0.2V / Rsense. An additional resistor is
recommended (as in the typical application diagram) for stability reasons, then the threshold
is actually increased by the value of the resistor multiplied by the current out of the IPROG
pin. The AQ120 is designed for a maximum current in excess of 1A. The external PNP
transistor must have adequate beta, low saturation voltage and sufficient power dissipation
capability. With low supply voltages, the PNP saturation voltage becomes important as well.
In constant voltage mode, the controller will control the battery voltage not to exceed the
target charge voltage.
When Vcc is applied, the charger can be manually shut down by opening the resistor R2 of
the resistor divider (floating the otherwise grounded end of R2) or by pulling high the REF pin.
This can be used in conjunction with an external thermostat switch.
When input power is removed or manual shutdown is entered, the charger will drain only very
small leakage currents from the battery, thus maximizing battery standby time. The leakage
current is due to the reverse-biased base-emitter junction of the external PNP transistor.
A LED indicator can be added to show when the charger is operational, simply connecting
the base-emitter of an additional PNP transistor in parallel to the base-emitter of Q1 and its
collector to the LED.
The AQ120 contains two control loops. To maintain good AC stability in the constant voltage
mode, a capacitor of at least 10uF in series to a 3.3 ohms resistor is usually required from the
collector of the external PNP to ground. The stability of the system is also depending on the
type of external PNP transistor. High beta PNPs may be reducing the phase margin in some
cases. R6 and C3 insure system stability in current mode without affecting the voltage mode.
The use of the resistor R6 affects the threshold. For example for R6=150 ohms the threshold
moves from 200 mV to 215 mV.
Furthermore the use of an external PMOS in place of the PNP represents a valid alternative
to the application when wanting to minimize the current consumption during charge.


Similar Part No. - AQ120DY-M5-AJ-TRL

ManufacturerPart #DatasheetDescription
logo
Acutechnology Semicondu...
AQ120 ACUTECH-AQ120 Datasheet
394Kb / 6P
   LDO Regulator Controller SOT23-5 Package
logo
Littelfuse
AQ1205-01ETG LITTELFUSE-AQ1205-01ETG Datasheet
666Kb / 5P
   Bidirectional Discrete TVS Diode, General Purpose Surge Protection
2022 Littelfuse, Inc.
AQ1205-01FTG LITTELFUSE-AQ1205-01FTG Datasheet
679Kb / 5P
   Bidirectional Discrete TVS Diode, General Purpose ESD Protection
2022 Littelfuse, Inc
logo
Acutechnology Semicondu...
AQ120EX ACUTECH-AQ120EX Datasheet
394Kb / 6P
   LDO Regulator Controller SOT23-5 Package
AQ120EX-M5-AJ-TR ACUTECH-AQ120EX-M5-AJ-TR Datasheet
394Kb / 6P
   LDO Regulator Controller SOT23-5 Package
More results

Similar Description - AQ120DY-M5-AJ-TRL

ManufacturerPart #DatasheetDescription
logo
Acutechnology Semicondu...
AQ102 ACUTECH-AQ102 Datasheet
445Kb / 7P
   Low-Voltage Ref/Amplifier SOT23-5 and SC70-5 Package
AQ105 ACUTECH-AQ105 Datasheet
428Kb / 5P
   Secondary V/I amplifier SOT23-5 and SC70-5 Package
logo
Guangdong Youtai Semico...
SN74LVC1G32 UMW-SN74LVC1G32 Datasheet
565Kb / 8P
   Tiny SC70-5 /SOT23-5 Packages
SN74LVC1G34 UMW-SN74LVC1G34 Datasheet
1Mb / 9P
   Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
SN74LVC1G07 UMW-SN74LVC1G07 Datasheet
1Mb / 9P
   Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
logo
Acutechnology Semicondu...
AQ120EX ACUTECH-AQ120EX Datasheet
394Kb / 6P
   LDO Regulator Controller SOT23-5 Package
logo
Guangdong Youtai Semico...
SN74LVC1G86 UMW-SN74LVC1G86 Datasheet
813Kb / 9P
   Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
SN74LVC1G17 UMW-SN74LVC1G17 Datasheet
718Kb / 9P
   Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
logo
Diodes Incorporated
ZXCL DIODES-ZXCL Datasheet
427Kb / 14P
   Micropower SC70-5 & SOT23-5 low dropout regulators
logo
Zetex Semiconductors
ZXCL5213V25 ZETEX-ZXCL5213V25 Datasheet
287Kb / 11P
   MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com