Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3809U-68 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # R3809U-68
Description  NEAR INFRARED MICROCHANNEL PLATE-PHOTOMULTIPLIER TUBE WITH COOLER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R3809U-68 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  R3809U-68 Datasheet HTML 1Page - Hamamatsu Corporation R3809U-68 Datasheet HTML 2Page - Hamamatsu Corporation R3809U-68 Datasheet HTML 3Page - Hamamatsu Corporation R3809U-68 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TPMH1293E03
AUG. 2007 IP
Figure 7: Dimensional Outlines (Unit: mm)
Figure 8: System Configuration
NIR MCP-PMT R3809U-68/-69 WITH C10221
GC10221
• COOLING UNIT
• CONTROLLER
GR3809U-68/-69
TACCA0278EA
TACCC0090ED
TPMHA0516EA
IOTHER ACCESSORIES REQUIRED
GLiquid nitrogen dewar
Non-pressurized dewar having a capacity of 10 to 50 lit-
ters, and the neck outer diameter between 35 and 40 mm.
GHigh voltage power supply for the photomultiplier
tube (negative high voltage)
Output voltage: more than -3400 V
Output current: more than 0.2 mA
Low ripple, High stability
GDry nitrogen gas, pressure regulator (secondary pres-
sure 35 kPa), pressure gauge
In order to supply a proper amount of liquid nitrogen to
the cooling unit, an external pressure needs to be added
to the dewar. A pressure regulator capable of reducing a
secondary pressure to 35 kPa is necessary when used
with a dry nitrogen gas container. Connect the 3/8" rubber
tube to the exit of the pressure regulator.
3.0
±0.2
7.0
±0.2
54.5
±0.1
17.7
±0.2
72.2
±0.3
4.0
±0.3
WINDOW THICKNESS
SHV-R CONNECTOR
(-HV INPUT)
ALUMINUM HOUSING CASE
SMA-R CONNECTOR
(ANODE OUTPUT)
EFFECTIVE
PHOTOCATHODE
AREA:
2 MIN.
HAMAMATSU PHOTONICS K.K., Electron Tube Division
314-5, Shimokanzo, Iwata City, Shizuoka Pref., 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218 E-mail: usa@hamamatsu.com
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658 E-mail: info@hamamatsu.de
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10 E-mail: infos@hamamatsu.fr
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road Welwyn Garden City Hertfordshire AL7 1BW, United Kingdom, Telephone: 44-(0)1707-294888, Fax: 44(0)1707-325777 E-mail: info@hamamatsu.co.uk
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171-41 SOLNA, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01 E-mail: info@hamamatsu.se
Italy: Hamamatsu Photonics Italia: S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741 E-mail: info@hamamatsu.it
WEB SITE www.hamamatsu.com
64.6
±1.0
257
38
12
111
222
60°
60°
MCP-PMT
APERTURE
PHOTOCATHODE
HOLDER
6-M3
COOLER CHAMBER
120
293
DIGITAL DISPLAY & CONTROL
317
240
240
262
AC 100 V to 120 V,
AC 200 V to 240 V
*DEWAR OF LN2
*DRY NITROGEN
GAS SOURCE
COOLING CHAMBER
INSULATED
TRANSFER
HOSE
SOLENOID
CONTROL
CABLE
*PRESSURE
REGULATOR
SOLENOID VALVE
3/8" OD
RUBBER TUBE
LN2 TRANSFER HEAD
*NOT SUPPLIED.
ALL OTHERS ARE INCLUDED IN C10221.
CONTROLLER
CONTROL CABLE
HEATER CABLE


Similar Part No. - R3809U-68

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R3809U-61 HAMAMATSU-R3809U-61 Datasheet
286Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER TUBE
R3809U-61 HAMAMATSU-R3809U-61 Datasheet
279Kb / 4P
   MICROCHANNEL PLATEPHOTOMULTIPLIER TUBE
R3809U-61 HAMAMATSU-R3809U-61_10 Datasheet
279Kb / 4P
   MICROCHANNEL PLATEPHOTOMULTIPLIER TUBE
R3809U-61 HAMAMATSU-R3809U-61_15 Datasheet
442Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER
R3809U-63 HAMAMATSU-R3809U-63 Datasheet
286Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER TUBE
More results

Similar Description - R3809U-68

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R10754-07-M16 HAMAMATSU-R10754-07-M16 Datasheet
165Kb / 2P
   MICROCHANNEL PLATE PHOTOMULTIPLIER TUBE
R3809U-50 HAMAMATSU-R3809U-50 Datasheet
497Kb / 8P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER TUBE
R3809U-61 HAMAMATSU-R3809U-61 Datasheet
286Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER TUBE
R3809U-61 HAMAMATSU-R3809U-61_15 Datasheet
442Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER
R10110U-03 HAMAMATSU-R10110U-03_15 Datasheet
217Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER
R5916U-50 HAMAMATSU-R5916U-50 Datasheet
371Kb / 8P
   GATED MICROCHANNEL PLATE PHOTOMULTIPLIER TUBE (MCP-PMTs)
R3809U-61 HAMAMATSU-R3809U-61_10 Datasheet
279Kb / 4P
   MICROCHANNEL PLATEPHOTOMULTIPLIER TUBE
F6492 HAMAMATSU-F6492 Datasheet
43Kb / 2P
   LONG SCALE MICROCHANNEL PLATE
logo
List of Unclassifed Man...
MCP3301 ETC-MCP3301 Datasheet
127Kb / 2P
   Matched Microchannel Plate Set
logo
Hamamatsu Corporation
R1477-06 HAMAMATSU-R1477-06 Datasheet
76Kb / 4P
   PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com