Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JZC-22FSB15LDC3V Datasheet(PDF) 2 Page - DB Lectro Inc

Part # JZC-22FSB15LDC3V
Description  Suitable for household electrical appliances, automation system, electronic equipment, instrument and meter application.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JZC-22FSB15LDC3V Datasheet(HTML) 2 Page - DB Lectro Inc

  JZC-22FSB15LDC3V Datasheet HTML 1Page - DB Lectro Inc JZC-22FSB15LDC3V Datasheet HTML 2Page - DB Lectro Inc JZC-22FSB15LDC3V Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
50Hz 750V
JZC-22F :1000V
Item 6 of IEC255-5
3
50Hz 1500V 50Hz;JZC-22F
2500V;
2
JZC-22F
2500V Surge Voltage:4000V
Item 6 of IEC255-5
3
Dimensions
Mounting
(Bottom view)
Wiring diagram
(Bottom view)
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Reference Data
10
8
6
4
2
108
JZC-22F JZC-22F JZC-22F
23
20.3max.
2
2- 0.7
16.8max.
3-1
0.5
JZC-22F
2
12.2
5- 1.3
1A
1B
1C
JZC-22F
2
(JZC-22F )
3
22.5(20.0)max.
16.8(16.0)max.
2.55
3-1
0.5
JZC-22F S C
5
D
DC12V
1
2
3
4
5
6
Ordering Information
Contact Data
Coil Parameter
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Dash
numbers
Coil voltage
VDC
Coil resistance
10%
Pickup
voltage
VDC(max)
(75%of rated
voltage )
Release
voltage
VDC(min)
(10% of
rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
Rated
Max.
JZC-22F JZC-22F JZC-22F
23
40001299
1 Part number
JZC-22F JZC-22F JZC-22F
23
2 Enclosure
S: Sealed type
F: Dust cover
3 Contact arrangement
A:1A
B:1B
C:1C
4 Contact rating
7A,12A,15A/120VAC 28VDC
6A,7A/250VAC 6A/250VAC TV-5
JZC-22F
20A/125VAC 28VDC 10A/250VAC
2
JZC-22F
20A/125VAC 28VDC 16A/277VAC TV-8
3
5 Coil power consumption
L:0.36W
D:0.45W
6 Coil rated voltage(V)
DC:3,6,9,12,24,48
Contact Arrangement
1A SPSTNO
1B
SPSTNC
1C
SPDT(B-M)
Contact Material
AgCdO AgSnO
2
Contact Rating
resistive:5A,12A,15A,20A/120VAC,28VDC; 3A;6A,7A,10A/220VAC ;
inductive:10A/250VAC; 15A/28VDC (rushing current 80A) (JZC-22FT only)
lamp:TV-5
note:1) 20A/125VAC,28VDC &10A/250VAC JZC-22F only
2
2) 20A/125V,28VDC,16A/277VAC&TV-8 JZC-22F only
3
Max. Switching Power
420W 1800VA
Max. Switching Voltage
110VDC 380VAC
Max. Switching Current:20A rushing current 80A
Contact Resistance & Voltage drop
100m
item 3.12 of IEC255-7
5
Operation
Electrical
10
item 3.30 of IEC255-7
7
Life
Mechanical
10
item 3.31 of IEC255-7
003-360
3
3.9
25
2.25
0.3
006-360
6
7.8
100
4.50
0.6
009-360
9
11.7
225
6.75
0.9
012-360
12
15.6
400
9.00
1.2
024-360
24
31.2
1600
18.0
2.4
048-360
48
62.4
6400
36.0
4.8
003-450
3
3.9
20
2.25
0.3
006-450
6
7.8
80
4.50
0.6
009-450
9
11.7
180
6.75
0.9
012-450
12
15.6
320
9.00
1.2
024-450
24
31.2
1280
18.0
2.4
048-450
48
62.4
5120
36.0
4.8
0.36
15
5
0.45
15
5
R50067262
R
E160644
E158859
C
US
VDE
Small size, light weight .Low coil power consumption.
Switching capacity can reach 20A.
PC board mounting.
Suitable for household electrical appliances, automation system, electronic equipment, instrument and meter application.
TV-5
TV-8 Remote control TV receivers, monitor display, audio equipment high and rushing current application.
Features
20.3
16.8
20.2 22.5
16.8
20.2 20.0
16.0
20.3
JZC-22F
JZC-22F
JZC-22F
2
3
04001010057
03001003514
2- 0.7
mm /inch
0.799max.
0.661max.
0.039
0.020
0.027
0.079
0.039
0.020
0.866(0.787)max.
0.661(0.630)max.
0.100
0.027
0.480
0.079
0.051
22F3:16A/277VDC TV-8
NO:1HP(16AFLA)125VAC 20A/125VAC
NC:1/2HP(9.8AFLA)125VAC 20A/125VAC
22F3:7A/250VAC
6A/250VAC
10A/28VDC
Ningbo Forward Relay Corporation LTD.
R50067939
22F :10A/250VAC
2
22F :
2
10A/250VAC
Patent No.: 03129163.5 03231980.0
22F :
2
10A/250VAC 28VDC
NHG RELAYS


Similar Part No. - JZC-22FSB15LDC3V

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JZC-22FSB12DDC3V DBLECTRO-JZC-22FSB12DDC3V Datasheet
291Kb / 2P
   Small size, light weight .Low coil power consumption. Switching capacity can reach 20A
JZC-22FSB12DDC6V DBLECTRO-JZC-22FSB12DDC6V Datasheet
291Kb / 2P
   Small size, light weight .Low coil power consumption. Switching capacity can reach 20A
JZC-22FSB12DDC9V DBLECTRO-JZC-22FSB12DDC9V Datasheet
291Kb / 2P
   Small size, light weight .Low coil power consumption. Switching capacity can reach 20A
JZC-22FSB12LDC3V DBLECTRO-JZC-22FSB12LDC3V Datasheet
291Kb / 2P
   Small size, light weight .Low coil power consumption. Switching capacity can reach 20A
JZC-22FSB12LDC6V DBLECTRO-JZC-22FSB12LDC6V Datasheet
291Kb / 2P
   Small size, light weight .Low coil power consumption. Switching capacity can reach 20A
More results

Similar Description - JZC-22FSB15LDC3V

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT71 DBLECTRO-NT71_05 Datasheet
520Kb / 2P
   Suitable for household electrical appliances, automation system, instrument and meter
logo
HuaXinAn Electronics CO...
NT78U HUAXINAN-NT78U Datasheet
514Kb / 1P
   Suitable for household electrical appliances, automation system, electronic equipment, instrument, meter,telecommunication facilities and remote control facilities
logo
DB Lectro Inc
NG8ND DBLECTRO-NG8ND Datasheet
290Kb / 2P
   Suitable for household electrical appliances, automation system
NG8N DBLECTRO-NG8N_05 Datasheet
293Kb / 2P
   Suitable for household electrical appliance, automation system
logo
HuaXinAn Electronics CO...
NV2M-1A HUAXINAN-NV2M-1A Datasheet
470Kb / 1P
   Suitable for automobile, automation system, electronic equipment, instrument, meter, telecommunication facilities and remote control facilities
logo
DB Lectro Inc
NT90T DBLECTRO-NT90T_05 Datasheet
1Mb / 5P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
HuaXinAn Electronics CO...
NT90TP-A HUAXINAN-NT90TP-A Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications.
NT90TP-B HUAXINAN-NT90TP-B Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
List of Unclassifed Man...
NT90 ETC2-NT90 Datasheet
572Kb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications.
logo
DB Lectro Inc
NT90 DBLECTRO-NT90_07 Datasheet
539Kb / 4P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com