Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7600U Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # R7600U
Description  PHOTOMULTIPLIER TUBE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R7600U Datasheet(HTML) 4 Page - Hamamatsu Corporation

  R7600U Datasheet HTML 1Page - Hamamatsu Corporation R7600U Datasheet HTML 2Page - Hamamatsu Corporation R7600U Datasheet HTML 3Page - Hamamatsu Corporation R7600U Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Figure 7: Dimensional Outline and Basing Diagram (Unit: mm)
TPMHA0278EI
PHOTOMULTIPLIER TUBE R5900U / R7600U SERIES
TPMH1291E03
SEPT. 2007 IP
[ACCESSORIES] (Unit: mm)
G Scoket E678-32B
G D Type Scoket Assembly E5996
TACCA0094ED
TACCA0234EC
* PATENT: USA: 5410211 and other(9), GBR: 551767 and other(9), DEU: 69209809 and other(9), FRA: 551767 and other(9), JPN: 3078905 and other(9)
WARNING ~ High Voltage ~
The product is operated at high voltage potential. Further, the metal housing of the product is connected to the photocathode
(potential) so that it becomes a high voltage potential when the product is operated at a negative high voltage (anode grounded).
Accordingly, extreme safety care must be taken for the electrical shock hazard to the operator or the damage to the other instruments.
22.86
20.32
12.7
2.92
4.45
1.57
0.51
MATERIAL: Glass Epoxy
SIDE VIEW
BOTTOM VIEW
TOP VIEW
0.6
± 0.4
22.0
± 0.5
30.0
± 0.5
18 MIN.
4.4
± 0.7
PHOTOCATHODE
INSULATION
COVER
2.54 PITCH
29- 0.45
EFFECTIVE AREA
25.7
± 0.5
Basing Diagram
K
Dy
P
CUT
IC
: Photocathode
: Dynode
: Anode
: Short Pin
: Internal Connection
(Don't Use)
IC
IC
P
IC
IC
IC
IC
IC
IC
IC
IC
IC
IC
IC
1234 56 7 8 9
32
10
31
11
30
12
29
13
28
14
27
15
26
16
25
17
24 23 22 21 20 19 18
GUIDE
CORNER
4 MAX.
30.0
± 0.5
R1 to R3
R4 to R11
R12 to R14
R15
C1 to C3
: 330 k
: 220 k
: 51
: 1 M
: 10 nF
DY10
30
24
23
22
21
20
19
7
6
5
4
1
DY9
DY8
DY7
DY6
DY5
DY4
DY3
DY2
DY1
K
C3
P
POWER SUPPLY
GND
C2
C1
R11
R9
R8
R7
R6
R5
R4
R3
R2
R1
R10
R14
R12
R15
R13
SIGNAL OUTPUT
RG-174/U (BLACK)
-
HV
: RG-174U (RED)
PMT
SOCKET
PIN No.
SIGNAL GND
PIN No.1
HOUSING
(INSULATOR)
SOLD SEPARATELY
HAMAMATSU PHOTONICS K.K., Electron Tube Division
314-5, Shimokanzo, Iwata City, Shizuoka Pref., 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218 E-mail: usa@hamamatsu.com
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658 E-mail: info@hamamatsu.de
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10 E-mail: infos@hamamatsu.fr
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road Welwyn Garden City Hertfordshire AL7 1BW, United Kingdom, Telephone: 44-(0)1707-294888, Fax: 44(0)1707-325777 E-mail: info@hamamatsu.co.uk
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171-41 SOLNA, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01 E-mail: info@hamamatsu.se
Italy: Hamamatsu Photonics Italia: S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741 E-mail: info@hamamatsu.it
WEB SITE www.hamamatsu.com


Similar Part No. - R7600U

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R7600U-00-M4 HAMAMATSU-R7600U-00-M4 Datasheet
165Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE
R7600U-03-M4 HAMAMATSU-R7600U-03-M4 Datasheet
165Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE
More results

Similar Description - R7600U

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1477-06 HAMAMATSU-R1477-06 Datasheet
76Kb / 4P
   PHOTOMULTIPLIER TUBE
R374 HAMAMATSU-R374 Datasheet
28Kb / 2P
   PHOTOMULTIPLIER TUBE
R943-02 HAMAMATSU-R943-02 Datasheet
167Kb / 4P
   PHOTOMULTIPLIER TUBE
R1250 HAMAMATSU-R1250 Datasheet
23Kb / 2P
   PHOTOMULTIPLIER TUBE
R1893 HAMAMATSU-R1893 Datasheet
33Kb / 2P
   PHOTOMULTIPLIER TUBE
R1464 HAMAMATSU-R1464 Datasheet
40Kb / 4P
   PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_07 Datasheet
96Kb / 2P
   PHOTOMULTIPLIER TUBE
R9182-01 HAMAMATSU-R9182-01 Datasheet
217Kb / 2P
   PHOTOMULTIPLIER TUBE
R4124 HAMAMATSU-R4124_15 Datasheet
40Kb / 2P
   PHOTOMULTIPLIER TUBE
R3998-02 HAMAMATSU-R3998-02_15 Datasheet
50Kb / 2P
   PHOTOMULTIPLIER TUBE
R3896 HAMAMATSU-R3896_15 Datasheet
215Kb / 4P
   PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com