Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5900U-01-M4 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # R5900U-01-M4
Description  MULTIANODE PHOTOMULTIPLIER TUBE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R5900U-01-M4 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  R5900U-01-M4 Datasheet HTML 1Page - Hamamatsu Corporation R5900U-01-M4 Datasheet HTML 2Page - Hamamatsu Corporation R5900U-01-M4 Datasheet HTML 3Page - Hamamatsu Corporation R5900U-01-M4 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Figure 6: Anode Uniformity (Example)
1.5
1
1.5
1.5
1
1
11
K
Dy2
Dy5
Dy4
Dy1
Dy3
Dy6
Dy7
Dy8
Dy9
Dy10
P
Supply Voltage: 800 V, K: Cathode, Dy: Dynode, P: Anode
VOLTAGE DISTRIBUTION RATIO AND SUPPLY VOLTAGE
Electrodes
Ratio
11
1
Figure 8: Dimensional Outline and Basing Diagram (Unit: mm)
82
97
95
100
Supply Voltage: -800 V
Light Source: Lamp (uniform DC light)
Full Illumination
Figure 7: Anode Cross-talk (Example)
0.1
1.3
0.9
100
Supply Voltage: -800 V
Light Source: Lamp (uniform DC light)
Spot Illumination: 9 mm
× 9 mm
Anode Characteristics
Pulse Linearity
per Channel
Uniformity
Between
Each Anode
Type No.
(A/lm)
Min.
(A/lm)
Typ.
Luminous
Dark Current
per Channel
(After 30 min)
Gain
Typ.
(nA)
Typ.
Typ.
Typ.
Typ.
(nA)
Max.
Typ.
Max.
Time Response
(ns)
Rise
Time
(ns)
Transit
Time
(ns)
TTS
(mA)
2 %
Deviation
(mA)
5 %
Deviation
(V)
Anode to
Cathode
Supply
Voltage
R7600U-00-M4
R5900U-01-M4
R7600U-03-M4
R5900U-04-M4
R5900U-20-M4
25
50
25
50
100
140
200
140
200
500
1.8
× 106
1.0
× 106
1.8
× 106
1.0
× 106
1.0
× 106
0.5
2.5
0.5
2.5
2.5
5
12.5
5
12.5
12.5
1: 1.5
1: 2
1: 1.5
1: 2
1: 2
1: 3
1.2
9.5
0.32
10
30
800
800
800
800
800
(%)
Cross-
talk
2
TPMHA0297EI
Basing Diagram
K
Dy
P
CUT
IC
: Photocathode
: Dynode
: Anode
: Short Pin
: Internal Connection
(Don't Use)
SIDE VIEW
BOTTOM VIEW
TOP VIEW
0.6
± 0.4
22.0
± 0.5
4.4
± 0.7
INSULATION COVER
2.54 PITCH
29- 0.45
4 MAX.
CUT (IC)
P1
CUT (IC)
CUT (IC)
P4
CUT (IC)
CUT (IC)
CUT (IC)
CUT (IC)
P2
CUT (IC)
P3
CUT (IC)
CUT (IC)
1234 5 6 7 8 9
32
10
31
11
30
12
29
13
28
14
27
15
26
16
25
17
24 23 22 21 20 19 18
GUIDE
CORNER
0.20
30.0
± 0.5
18 MIN.
25.7
± 0.5
PHOTOCATHODE


Similar Part No. - R5900U-01-M4

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R5900U-01-L16 HAMAMATSU-R5900U-01-L16 Datasheet
285Kb / 8P
   LINEAR ARRAY MULTIANODE PMT AND ASSEMBLY
More results

Similar Description - R5900U-01-M4

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R5900U-00-M4 HAMAMATSU-R5900U-00-M4 Datasheet
74Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE
H7546B HAMAMATSU-H7546B Datasheet
101Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 HAMAMATSU-H8711 Datasheet
86Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 HAMAMATSU-H8711_07 Datasheet
166Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H9500 HAMAMATSU-H9500 Datasheet
155Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8500 HAMAMATSU-H8500 Datasheet
177Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
R1477-06 HAMAMATSU-R1477-06 Datasheet
76Kb / 4P
   PHOTOMULTIPLIER TUBE
R374 HAMAMATSU-R374 Datasheet
28Kb / 2P
   PHOTOMULTIPLIER TUBE
R943-02 HAMAMATSU-R943-02 Datasheet
167Kb / 4P
   PHOTOMULTIPLIER TUBE
R1250 HAMAMATSU-R1250 Datasheet
23Kb / 2P
   PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com