Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R6351 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # R6351
Description  13 mm Dia. SIDE-ON COMPACT TYPE PHOTOMULTIPLIER TUBE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R6351 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  R6351 Datasheet HTML 1Page - Hamamatsu Corporation R6351 Datasheet HTML 2Page - Hamamatsu Corporation R6351 Datasheet HTML 3Page - Hamamatsu Corporation R6351 Datasheet HTML 4Page - Hamamatsu Corporation R6351 Datasheet HTML 5Page - Hamamatsu Corporation R6351 Datasheet HTML 6Page - Hamamatsu Corporation R6351 Datasheet HTML 7Page - Hamamatsu Corporation R6351 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
13 mm (1/2 Inch) Diameter, 9-stage, Side-on Type
GEmission Spectroscopy (ICP, Direct Reader)
GEnvironmental Monitoring (NOx, SO2, etc.)
GFluorescence Immunoassay
GChemiluminescence Immunoassay
GHygiene Monitor (Bio Luminescence)
GX-ray Phototimer
GFluorometer
GMicroscope (Laser Scanning Microscope)
13 mm Dia. SIDE-ON
COMPACT TYPE
PHOTOMULTIPLIER TUBE SERIES
The R6350 to R6358 series are compact side-on photomultiplier
tubes with a 13 mm diameter and 50 mm height. Using different
photocathode and window material combinations helped to pro-
duce a full product lineup to cover a wide spectral response range
from the UV to the near infrared. This allows selecting the optimal
tube to match your application and wavelength to be detected, the
same as when selecting the popular 28 mm (1-1/8 inch) side-on
tubes.
The R6356-06 and R6357 do not use an entrance mesh (grill)
which is usually installed just inside the light input window. This
eliminates the light loss caused by the entrance mesh, even if the
size of incident light beam is small.
Left: Fused silica window Center: UV window
Right: Meshless type (R6356-06, R6357)
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2005 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
APPLICATIONS


Similar Part No. - R6351

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R6351 HAMAMATSU-R6351 Datasheet
81Kb / 6P
   NEW COMPACT TYPE PMT SERIES
logo
Harwin Plc
R6351-02 HARWIN-R6351-02 Datasheet
400Kb / 2P
   THRADED SPACER-ROUND
More results

Similar Description - R6351

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R3810P HAMAMATSU-R3810P Datasheet
21Kb / 2P
   SUPER COMPACT PHOTOMULTIPLIER TUBE
R9876 HAMAMATSU-R9876 Datasheet
241Kb / 4P
   PHOTOMULTIPLIER TUBE 28 mm (1-1/8 Inch) Diameter, 9-Stage, Side-On Type
R5108 HAMAMATSU-R5108_03 Datasheet
205Kb / 4P
   PHOTOMULTIPLIER TUBE 28 mm (1-1/8 Inch) Transmission Mode S-1 Photocathode, Side-on Type
R1477-06 HAMAMATSU-R1477-06 Datasheet
76Kb / 4P
   PHOTOMULTIPLIER TUBE
R374 HAMAMATSU-R374 Datasheet
28Kb / 2P
   PHOTOMULTIPLIER TUBE
R943-02 HAMAMATSU-R943-02 Datasheet
167Kb / 4P
   PHOTOMULTIPLIER TUBE
R1250 HAMAMATSU-R1250 Datasheet
23Kb / 2P
   PHOTOMULTIPLIER TUBE
R1893 HAMAMATSU-R1893 Datasheet
33Kb / 2P
   PHOTOMULTIPLIER TUBE
R1464 HAMAMATSU-R1464 Datasheet
40Kb / 4P
   PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_07 Datasheet
96Kb / 2P
   PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com