Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JZC-32FCZ5DC6V0.2 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # JZC-32FCZ5DC6V0.2
Description  5A 10A switching capabilities
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JZC-32FCZ5DC6V0.2 Datasheet(HTML) 2 Page - DB Lectro Inc

  JZC-32FCZ5DC6V0.2 Datasheet HTML 1Page - DB Lectro Inc JZC-32FCZ5DC6V0.2 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2.54
12.7
1A
1C
? 0.051
0.500
0.059
0.1
5-? 1.3
1.5
5A
10A switching capabilities.
SPSTNO and SPDT(B-M) configurations.
Subminiature, standard PC layout.
Sealed & Unsealed types available.
Ordering Information
JZC-32F C S
10 DC12V 0.2
1
2
3
4
5
6
1 Part number
JZC-32F
2 Contact arrangement
A:1A
C:1C
3 Enclosure
S:Sealed type
Z:Dust cover
Dash
numbers
Coil voltage
VDC
Coil
resistance
10%
Operate
Time
ms
Release
Time
ms
Coil Parameter
Contact Data
Contact Arrangement
1A (SPSTNO)
1C (SPDT (B-M))
Contact Material
Silver Alloy
Contact Rating (resistive)
5A/240VAC,250VAC,28VDC;6A/120VAC;10A/125VAC;4.2A/277VAC
Motor load:1/4HP 277VAC
Lamp load:TV-5
Max. Switching Power
150W
1250VA
Max. Switching Voltage
30VDC 277VAC
Max.Switching Current:10A
Contact Resistance or Voltage drop
100m
Item 3.12 of IEC255-7
5
Operational
Electrical
10
Item 3.30 of IEC255-7
7
life
Mechanical
10
Item 3.31 of IEC255-7
Rated
Max
Pick up
voltage
VDC (max)
(75% of rated
voltage )
Release
voltage
VDC (min)
(5% of rated
voltage)
Coil power
consumption
W
4 Contact current
5A,10A
5 Coil rated voltage (V)
DC:3,5,6,9,12,18,24
6 Coil power consumption
0.2:0.2W
0.45:0.45W
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
0.45
8
5
03001003511
R50016343
0.20
8
5
003-200
3
3.9
45
2.25
0.15
005-200
5
6.5
125
3.75
0.25
006-200
6
7.8
180
4.50
0.30
009-200
9
11.7
405
6.75
0.45
012-200
12
15.6
720
9.00
0.60
018-200
18
23.4
1620
13.5
0.90
024-200
24
31.2
2880
18.0
1.20
003-450
3
3.9
20
2.25
0.15
005-450
5
6.5
56
3.75
0.25
006-450
6
7.8
80
4.50
0.30
009-450
9
11.7
180
6.75
0.45
012-450
12
15.6
320
9.00
0.60
018-450
18
23.4
720
13.5
0.90
024-450
24
31.2
1280
18.0
1.20
JZC-32F
18.8
10.6
15.3
Features
R
C
US
Insulation Resistance
100M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
50Hz 1000V
Item 6 of IEC255-5
Between contact and coil
50Hz 2500V 4000V
Item 6 of IEC255-5
2
Shock resistance
100m/s
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz double amplitude 1.5mm
IEC68-2-6 Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
230
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~70
Relative Humidity
95% (at 35
)
IEC68-2-3Test Ca
Mass
6g
Dimensions
Wiring diagram
(Bottom view)
Mounting (Bottom view)
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Safety approval
UL & CUR
T V
CQC
Load
5A/250VAC,28VDC
5A/250VAC
Operation condition
Safety approvals
JZC-32F
U
Dimensions
mm /inch
Ningbo Huaguan Relay Corporation LTD.
6A/120VAC;10A/125VAC
TV-5
4.2A/277VAC
1/4HP/277VAC 250VAC 240VAC 120VAC
5A/240VAC,250VAC
E160644
0.067
0.031X0.012
0.417
0.740
1.7
18.8max.
5-0.8X0.3
10.6max.
NHG RELAYS


Similar Part No. - JZC-32FCZ5DC6V0.2

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
JZC-32FC HUAXINAN-JZC-32FC Datasheet
422Kb / 1P
   5A 10A switching capabilities
More results

Similar Description - JZC-32FCZ5DC6V0.2

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
JZC-33FC HUAXINAN-JZC-33FC Datasheet
411Kb / 1P
   5A 10A switching capabilities
JZC-32FLC HUAXINAN-JZC-32FLC Datasheet
422Kb / 1P
   5A 10A switching capabilities
JZC-32FC HUAXINAN-JZC-32FC Datasheet
422Kb / 1P
   5A 10A switching capabilities
JZC-33FA HUAXINAN-JZC-33FA Datasheet
411Kb / 1P
   5A 10A switching capabilities
JZC-32FA HUAXINAN-JZC-32FA Datasheet
422Kb / 1P
   5A 10A switching capabilities.
JZC-32FLA HUAXINAN-JZC-32FLA Datasheet
422Kb / 1P
   5A 10A switching capabilities.
logo
Power-One
FC100V5A-G POWER-ONE-FC100V5A-G Datasheet
357Kb / 2P
   FC SERIES - 5A, 10A, 20A, FILTER
FC100V5A POWER-ONE-FC100V5A Datasheet
357Kb / 2P
   FC SERIES - 5A, 10A, 20A, FILTER
logo
Rohm
2SK2793 ROHM-2SK2793 Datasheet
141Kb / 4P
   Switching (500V, 5A)
logo
STMicroelectronics
L4975A STMICROELECTRONICS-L4975A Datasheet
359Kb / 21P
   5A SWITCHING REGULATOR
June 2000
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com