Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JQX-141FF1AS8ADC50.543.3 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # JQX-141FF1AS8ADC50.543.3
Description  Relay covers switching capacity from 10A to 16A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JQX-141FF1AS8ADC50.543.3 Datasheet(HTML) 1 Page - DB Lectro Inc

  JQX-141FF1AS8ADC50.543.3 Datasheet HTML 1Page - DB Lectro Inc JQX-141FF1AS8ADC50.543.3 Datasheet HTML 2Page - DB Lectro Inc JQX-141FF1AS8ADC50.543.3 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Présente / Presents:
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - JQX-141FF1AS8ADC50.543.3

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
JQX-141FF1A HUAXINAN-JQX-141FF1A Datasheet
97Kb / 1P
   Slim type and small occupying area can offer high density P.C.B. technique
More results

Similar Description - JQX-141FF1AS8ADC50.543.3

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT76 DBLECTRO-NT76_05 Datasheet
538Kb / 2P
   Switching capacity up to 16A
NT75 DBLECTRO-NT75 Datasheet
479Kb / 2P
   Switching capacity up to 16A.
logo
CIT Relay & Switch
J114AF CIT-J114AF Datasheet
105Kb / 3P
   Switching capacity 16A
J114FL CIT-J114FL Datasheet
104Kb / 4P
   Switching capacity 16A
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
   Switching capacity up to 10A
J105D CIT-J105D Datasheet
133Kb / 3P
   Switching capacity up to 10A
J097 CIT-J097 Datasheet
125Kb / 2P
   Switching capacity up to 10A
J152 CIT-J152 Datasheet
170Kb / 3P
   Switching capacity up to 10A
J100 CIT-J100 Datasheet
138Kb / 2P
   Switching capacity up to 10A
logo
DB Lectro Inc
NT75-1 DBLECTRO-NT75-1 Datasheet
238Kb / 2P
   Low coil consumption. / Switching capacity up to 16A.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com