Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7400U-02 Datasheet(PDF) 7 Page - Hamamatsu Corporation

Part # R7400U-02
Description  METAL PACKAGE PHOTOMULTIPLIER TUBE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R7400U-02 Datasheet(HTML) 7 Page - Hamamatsu Corporation

  R7400U-02 Datasheet HTML 1Page - Hamamatsu Corporation R7400U-02 Datasheet HTML 2Page - Hamamatsu Corporation R7400U-02 Datasheet HTML 3Page - Hamamatsu Corporation R7400U-02 Datasheet HTML 4Page - Hamamatsu Corporation R7400U-02 Datasheet HTML 5Page - Hamamatsu Corporation R7400U-02 Datasheet HTML 6Page - Hamamatsu Corporation R7400U-02 Datasheet HTML 7Page - Hamamatsu Corporation R7400U-02 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Parameter
Value
Unit
SPECIFICATIONS of Built-in Amplifier
Parameter
C4900
C4900-01
C4900-50
C4900-51
SPECIFICATIONS
Compact High Voltage Power Supply Units
C4900 Series
The C4900 series is an on-board type high voltage power
supply unit, with a design that aims at providing both
“compactness and high performance”.
The newly developed circuit achieves high performance
and low power consumption. The C4900 series in addition
provides enhanced protective functions yet is offered at
lower costs.
DA Type Socket Assembly C5781
1With No Load
2With Full Load
(a): At Maximum Output Voltage.
(b): Against
±1 V Change.
(c): Against 0 to 100 % Load Change.
(d): At Maximum Output Voltage and Current.
(e): Excluding Projecting Parts
The C5781 is a subminiature socket assembly that
incorporates a voltage divider circuit and a low-noise
amplifier.
TACCA0061ED
(a): No condensation
AMPLIFIER
17.0
± 0.2
DY8
DY7
DY6
DY5
DY4
DY3
DY2
DY1
R9
R8
R7
R6
R5
R4
R3
R2
R1
C3
C2
C1
GND: AWG22 (BLACK)
K
-HV: AWG22 (VIOLET)
R1 to R8
R9
C1 to C3
: 330 k
: 160 k
: 0.01
µF/200 V
P
SIGNAL OUT
RG-174/U
SIGNAL GND
+15 V: AWG22 (RED)
-15 V: AWG22 (BLUE)
+15 V: AWG22 (RED)
-15 V: AWG22 (BLUE)
SIGNAL OUT: RG-174/U
GND: AWG22 (BLACK)
-HV: AWG22 (VIOLET)
GUIDE MARK
Top View
Side View
6
Input Voltage for Amplifier
Current to Voltage Conversion Factor
Maximum Output Voltage (with no load resistor)
Bandwidth (-3 db)
Operating Ambient Temperature (a)
Storage Temperature (a)
±15
1
10
DC to 20
0 to +40
-15 to +60
V
V/
µA
V
kHz
°C
°C
Input Voltage
Input Current (a)
Variable Output Range
Maximum Output Current
Ripple Noise (p-p)
Line Regulation (b)
Load Regulation (c)
Operating Ambient Temperature (d)
Storage Temperature
Dimension (e) (W
×H×D)
1
2
+15 V
14 mA
90 mA
0.6 mA
0 V to -1250 V
+12 V
15 mA
95 mA
0.5 mA
0 V to +1250 V
+15 V
14 mA
90 mA
0.6 mA
+12 V
15 mA
95 mA
0.5 mA
0.007 % Typ.
±0.01 % Typ.
±0.01 % Typ.
0
°C to +50 °C
-20
°C to +70 °C
46 mm
× 24 mm × 12 mm
Typ.


Similar Part No. - R7400U-02

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R7400U-02 HAMAMATSU-R7400U-02 Datasheet
301Kb / 8P
   METAL PACKAGE PHOTOMULTIPLIER TUBE
More results

Similar Description - R7400U-02

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R9875U HAMAMATSU-R9875U_15 Datasheet
55Kb / 2P
   METAL PACKAGE PHOTOMULTIPLIER TUBE
R7400U HAMAMATSU-R7400U Datasheet
301Kb / 8P
   METAL PACKAGE PHOTOMULTIPLIER TUBE
R1477-06 HAMAMATSU-R1477-06 Datasheet
76Kb / 4P
   PHOTOMULTIPLIER TUBE
R374 HAMAMATSU-R374 Datasheet
28Kb / 2P
   PHOTOMULTIPLIER TUBE
R943-02 HAMAMATSU-R943-02 Datasheet
167Kb / 4P
   PHOTOMULTIPLIER TUBE
R1250 HAMAMATSU-R1250 Datasheet
23Kb / 2P
   PHOTOMULTIPLIER TUBE
R1893 HAMAMATSU-R1893 Datasheet
33Kb / 2P
   PHOTOMULTIPLIER TUBE
R1464 HAMAMATSU-R1464 Datasheet
40Kb / 4P
   PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_07 Datasheet
96Kb / 2P
   PHOTOMULTIPLIER TUBE
R9182-01 HAMAMATSU-R9182-01 Datasheet
217Kb / 2P
   PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com